Electronic Components Datasheet Search
  English  ▼

X  

SPVQA Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQA
Description  Water-proof Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQA Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVQA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVQA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVQA Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
66
66
Fork terminals allow connection without solder
Water-proof Type
SPVQA
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 12V DC / 50μA 5V DC
Contact resistance
(Initial / After operating life)
500mΩ max. / 1Ω max.
Operating force
1±0.5N
Operating life
Without load
300,000cycles
With load
300,000cycles(0.1A 12V DC)
Refer to P.71 for soldering conditions.
This unit cannot be used in water (IP67 rating, except for terminal).
Note
Unit:mm
Dimensions
Style
No.
Style
No.
A
Free position
Terminal No.①-②
Operating position
Total travel
15.2
12.2
11.48
7.35
2-0.31
0.7
0.7
ø2
(90°)
1.8
Terminal No.③
Terminal No.②
Terminal No.①
1
Terminal No.①-②
Operating position
1.8
ø2
90°
Terminal No.③
Terminal No.②
Terminal No.①
2-0.31
15.2
12.2
0.7
11.48
7.35
0.7
Total posion
Free position
2
Product Line
Product No.
Push
Operating part
shape
Terminal type
Non shorting
Change over
timing
SPVQA10101
SPVQA10201
Press fit
(Without
terminal No.3)
Press fit
(Without
terminal No.2)
Press fit
For PC board
(Without terminal No.3)
For PC board
Main body form
Without boss L type
Without boss R type
SPVQA10300
Without boss L type
SPVQA10400
Without boss R type
SPVQA10500
Without boss L type
SPVQA10600
Without boss R type
SPVQA20101
SPVQA20201
1
Drawing
No.
2
3
4
5
6
7
8
Without boss
Minimumorder unit(pcs)
Japan
Export
1,200
4,800
Poles
1
1
2
1
2
Positions
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
1,200
4,800
540×360×270
Packing Specifications
Tray


Similar Part No. - SPVQA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
Water-proof Type
SPVQ111200 ALPS-SPVQ111200 Datasheet
225Kb / 5P
Water-proof Type
SPVQ111200 ALPS-SPVQ111200 Datasheet
941Kb / 6P
Water-proof Type
SPVQ111400 ALPS-SPVQ111400 Datasheet
225Kb / 5P
Water-proof Type
SPVQ111500 ALPS-SPVQ111500 Datasheet
225Kb / 5P
Water-proof Type
More results

Similar Description - SPVQA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
Water-proof Type
SPVQ4 ALPS-SPVQ4 Datasheet
149Kb / 2P
Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
Water-proof Type
SPVQ4H ALPS-SPVQ4H Datasheet
897Kb / 3P
Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
Water-proof Type
SPVQ8 ALPS-SPVQ8 Datasheet
1Mb / 7P
Water-proof Type
SPVQ9 ALPS-SPVQ9 Datasheet
828Kb / 3P
Water-proof Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com