Electronic Components Datasheet Search
  English  ▼

X  

SSAG Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAG
Description  Recoil Type for Single-side and Both Sides
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAG Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSAG_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAG_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAG_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAG_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSAG_15 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
85
85
3
1.1
8.8
5
hole
+0.1
0
2-ø0.9
4-0.7
1
1
1
1.1
2
Travel:Momentary
A B C
Travel:With detent
 B→A 
1N  
Operating force : B→C C→B 1.5N
1.5
1.4
1.5
0.9
0.2
Terminal No.1
4-0.4
9.05
1
1
1
L
A
10.17
5
2-ø0.8
Dimensions
Unit:mm
Style
PC board mounting hole and land dimensions
(Viewed from the direction A)
0.45
hole
+0.1
0
2-ø0.9
4-0.7
1.2
8
1.2
5
8.92
1
1
1
No.
1
1
  →  
 
→ →
0.45
hole
+0.1
0
2-ø0.9
4-0.7
1.2
8
1.2
5
8.92
1
1
1
5
R
4-0.4
9.05
1
1
1
Travel:With detent
A B C
Travel:Momentary
1.4
1.5
1.5
0.9
0.2
 B→C 
Operating force : B→A A→B 1.5N
1N
Terminal No.1
0.12
8.77
2-ø0.8
A
With boss
With boss
With boss
SSAG/Recoil Type for Single-side and Both Sides



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com