Electronic Components Datasheet Search
  English  ▼

X  

SSAG Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAG
Description  Recoil Type for Single-side and Both Sides
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAG Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSAG_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAG_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAG_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAG_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSAG_15 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
84
84
Recoil Type for Single-side and Both Sides
SSAG
Long life recoil type meeting more compact and
low-profile needs
Products No.
Japan
Export
Soldering Operating Shape of
flame leg
Operating section
directions
Poles Positions
Travel
(mm)
SSAG130100
Changeover
timing
Location
lug
Product Line
SSAG130200
SSAG130300
SSAG130400
SSAG230100
SSAG230200
SSAG230300
SSAG230400
SSAG330100
SSAG330200
SSAG330300
SSAG330400
Minimum order unit(pcs.)
Reflow
Left-side
recoil
Right-side
recoil
Double-
side
recoil
For PC
board
insert
Flat
For PC
board
insert
Flat
For PC
board
insert
Flat
Horizontal
1
3
1.5
Drawing
No.
1
2
3
4
5
6
Not
specified
Without
With
Without
With
Without
With
Without
With
Without
With
Without
With
16,000
4,000
Refer to P.111 for soldering conditions.
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
10mA 5V DC / 50μA 3V DC
Contact resistance
(Initial performance / After lifetime)
200mΩ max. / 500mΩ max.
Operating force
1N(Recoil side)
1.5N(Lock side)
Operating life
Without load
100,000 cycles(Recoil side)
30,000 cycles(Lock side)
With load
100,000 cycles(Recoil side)
30,000 cycles(Lock side)
(10mA 5V DC)
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
4,000
8,000
16,000
24
428×413×172
ø380
25.4
Circuit Diagram(Viewed from Direction A)
1
2
3
4
c


Similar Part No. - SSAG_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSAG130100 ALPS-SSAG130100 Datasheet
1Mb / 5P
Recoil Type for Single Side and Both Sides
SSAG130200 ALPS-SSAG130200 Datasheet
1Mb / 5P
Recoil Type for Single Side and Both Sides
SSAG130300 ALPS-SSAG130300 Datasheet
1Mb / 5P
Recoil Type for Single Side and Both Sides
SSAG130400 ALPS-SSAG130400 Datasheet
1Mb / 5P
Recoil Type for Single Side and Both Sides
SSAG230100 ALPS-SSAG230100 Datasheet
1Mb / 5P
Recoil Type for Single Side and Both Sides
More results

Similar Description - SSAG_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSAG ALPS-SSAG Datasheet
1Mb / 5P
Recoil Type for Single Side and Both Sides
logo
List of Unclassifed Man...
SP-1500ST ETC2-SP-1500ST Datasheet
353Kb / 2P
Naturally tacky on both sides
logo
PHOENIX CONTACT
2764072 PHOENIX-2764072 Datasheet
164Kb / 5P
Housing cover,for connection on both sides
2764179 PHOENIX-2764179 Datasheet
172Kb / 11P
Housing cover,for connection on both sides
2764250 PHOENIX-2764250 Datasheet
146Kb / 8P
Housing cover,for connection on both sides
2764726 PHOENIX-2764726 Datasheet
134Kb / 7P
Housing cover,for connection on both sides
2764823 PHOENIX-2764823 Datasheet
136Kb / 8P
Housing cover,for connection on both sides
2764878 PHOENIX-2764878 Datasheet
79Kb / 3P
Housing cover,for connection on both sides
2764933 PHOENIX-2764933 Datasheet
170Kb / 4P
Housing cover,for connection on both sides
2764988 PHOENIX-2764988 Datasheet
151Kb / 9P
Housing cover,for connection on both sides
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com