Electronic Components Datasheet Search
  English  ▼

X  

AEH Datasheet(PDF) 1 Page - XP Power Limited

Part # AEH
Description  Output Voltages from 2.5 V to 48 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEH Datasheet(HTML) 1 Page - XP Power Limited

  AEH Datasheet HTML 1Page - XP Power Limited AEH Datasheet HTML 2Page - XP Power Limited AEH Datasheet HTML 3Page - XP Power Limited AEH Datasheet HTML 4Page - XP Power Limited AEH Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specification
15-130 Watts
•
Output Voltages from 2.5 V to 48 V
•
Non-standard Outputs Available
•
Universal Input
•
Single & Multiple Output Versions
•
0 °C to +60 °C Operating Temperature
•
Efficiency up to 80%
•
Non-standard Connectors Available
AEH Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 0.4/0.26 A for AEH15, at 115/230 VAC
1.5/0.7 A for AEH45, at 115/230 VAC
1.9/1.5 A for AEH80, at 115/230 VAC
3.2/1.7 A for AEH130, at 115/230 VAC
Inrush Current
• AEH15, 45 & 80: 30 A max at 230 VAC
AEH130: 60 A max at 230 VAC
cold start
Earth Leakage Current
• <0.5 mA max at 115 VAC/60 Hz
<0.75 mA max at 230 VAC/50 Hz
Power Factor
• EN61000-3-2 class A
Output
Output Voltage
• See tables, non-standard voltages
available - contact sales
Initial Set Accuracy
• 5%
Start Up Delay
• 2 s max
Hold Up Time
• 16 ms min (>50 ms AEH130)
Line Regulation
• See tables
Load Regulation
• See tables
Transient Response
• 4% max deviation, recovery to within
1% in 4 ms for a 50% load change
Ripple & Noise
• 2% pk-pk for outputs
≤3.3V
1% pk-pk for all other outputs
20 MHz bandwidth
Overvoltage Protection
• 112-132% Vnom, auto reset
Overload Protection
• Output 1 only 110-150% of nominal
(AEH15 Output protected to short circuit)
Temperature
• ±0.04%/°C max
Coefficient
xppower.com
General
Efficiency
• Up to 80%
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 65-80 kHz for AEH15
67-83 kHz for AEH45
58 kHz typical for AEH80
53-76 kHz for AEH130
MTBF
• 100 kHrs per MIL-HDBK-217F at 25 °C GB
Environmental
Operating Temperature
• 0 °C to +60 °C, derate linearly from 100%
load at +40 °C to 50% load at +60 °C
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Vibration
• 2 g on 3 axes
EMC & Safety
Emissions
• EN55022 level B, conducted and radiated
Harmonic Currents
•
EN61000-3-2, Class A
Voltage Flicker
•
EN61000-3-3
ESD Immunity
• EN61000-4-2, level 2 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria A
Dips & Interruptions
• EN61000-4-11 30% 10 ms,
60% 100 ms, 100% 5000 ms
Perf Criteria A, B, B
Safety Approvals
• EN60950-1, UL60950-1,
CSA C22.2 No. 950 per cUL, CE Mark


Similar Part No. - AEH

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEH08U48 EMERSON-NETWORKPOWER-AEH08U48 Datasheet
409Kb / 2P
High power converter
AEH08U48N-6L EMERSON-NETWORKPOWER-AEH08U48N-6L Datasheet
409Kb / 2P
High power converter
AEH09R48N EMERSON-NETWORKPOWER-AEH09R48N Datasheet
547Kb / 2P
High Efficiency Half Brick
AEH10 EMERSON-NETWORKPOWER-AEH10 Datasheet
462Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
Remote sense compensation
More results

Similar Description - AEH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
logo
Bel Fuse Inc.
0RHB-D0T BEL-0RHB-D0T Datasheet
428Kb / 12P
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
Output voltages from 3.3 V to 48 V
logo
XP Power Limited
VCP24US05 XPPOWER-VCP24US05 Datasheet
422Kb / 2P
Low Cost, Output Voltages from 5 to 24 V, PCB Mount
logo
Analog Devices
AD5317BRU AD-AD5317BRU Datasheet
585Kb / 28P
2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
logo
Crydom Inc.,
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
Ratings from 25A to 125A @ 48-660 V AC
logo
XP Power Limited
AED XPPOWER-AED Datasheet
111Kb / 4P
Single Outputs from 5 V to 48 V
ECP XPPOWER-ECP Datasheet
362Kb / 2P
Single Outputs from 3.3 to 48 V
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
logo
XP Power Limited
AML180 XPPOWER-AML180 Datasheet
75Kb / 2P
Single Outputs from 18 V to 48 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com