Electronic Components Datasheet Search
  English  ▼

X  

AEH Datasheet(PDF) 2 Page - XP Power Limited

Part # AEH
Description  Output Voltages from 2.5 V to 48 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEH Datasheet(HTML) 2 Page - XP Power Limited

  AEH Datasheet HTML 1Page - XP Power Limited AEH Datasheet HTML 2Page - XP Power Limited AEH Datasheet HTML 3Page - XP Power Limited AEH Datasheet HTML 4Page - XP Power Limited AEH Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Notes
1. Factory-set non-standard outputs available.
2. Total regulation includes initial set accuracy, line and load regulation.
1.42
(36.0)
AC Input
IEC 320 Inlet
1.5
(38.0)
3.58 (91.0)
Notes
1. Dimensions shown in inches (mm).
2. Tolerance 0.02 (0.5) max.
3. Output connector is 5.5mm outer diameter barrel. Inner diameter is 2.5mm with centre positive (+) and outer shell negative (-).
4. Output cable length is 72.0 (1830).
5. Optional output connectors available, contact sales office.
6. Weight 0.36 lb (165 g) approx.
7. For UK mains lead order part: UK-MAINS-IEC.
For European mains lead order part: EU-MAINS-IEC.
AEH15
Models and Ratings
Mechanical Details
Output
Power
Output Voltage
Nominal(1)
Output Current
Total
Regulation(2)
Model
Number
Minimum
Maximum
8.25 W
3.3 V
0.0 A
2.50 A
7%
AEH15US03
12.00 W
5.0 V
0.0 A
2.40 A
5%
AEH15US05
12.00 W
7.0 V
0.0 A
1.70 A
5%
AEH15US07
15.00 W
10.0 V
0.0 A
1.50 A
5%
AEH15US10
15.00 W
12.0 V
0.0 A
1.25 A
5%
AEH15US12
15.00 W
15.0 V
0.0 A
1.00 A
5%
AEH15US15
15.00 W
18.0 V
0.0 A
0.83 A
5%
AEH15US18
15.00 W
24.0 V
0.0 A
0.62 A
5%
AEH15US24
15.00 W
30.0 V
0.0 A
0.50 A
5%
AEH15US30
15.00 W
36.0 V
0.0 A
0.42 A
3%
AEH15US36
15.00 W
48.0 V
0.0 A
0.31 A
3%
AEH15US48



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com