Electronic Components Datasheet Search
  English  ▼

X  

SSSS211900 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS211900
Description  Excellent application for designing compact and high density portable devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS211900 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSSS211900 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
91
91
Vertical Actuator Type
Dimensions
Unit:mm
Style
Photo
No.
PC board mounting hole dimensions
(Viewed from direction A)
3-ø0.8 hole
2.5
2.5
1
1-pole, 2-position
1
22
4-ø0.8 hole
22
2
1-pole, 3-position
A
Travel
Operating force with detent : a
b
c
b
1.5N
b
a
b
c 2.5N
3.5
1.5
0.3
3.3
0.6
22
22
13
a
b
c
2
2
1.5
PC board
mounting face
Terminal No.1
J
J
J
J }}
22
8-ø0.8 hole
22
4
2-pole, 3-position
A
Travel
Operating force with detent : a b 1.5N
b a
b c
2.5N
3.5
1.5
0.3
3.3
0.6
22 22
13
a b c
2 2
1.5
PC board
mounting face
Terminal No.
c b }}
J
J
J
J
1
2.5 2.5
6-ø0.8 hole
3
2-pole, 2-position
1
SSSS2/3.5(H)mm, 2mm-travel Type



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com