Electronic Components Datasheet Search
  English  ▼

X  

SSSS211900 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS211900
Description  Excellent application for designing compact and high density portable devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS211900 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSSS211900 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
90
90
Excellent application for designing compact and
high density portable devices
3.5(H)mm, 2mm-travel Type
SSSS2
Minimum order unit(pcs.)
Japan
Export
※ Operating life for SSSS213202 is 100 cycles
Note
Product Line
Manual,
Dip
Manual,
Dip
Reflow
Soldering
Reflow
100
10,000
1,400
5,600
12,00
4,800
1,000
4,000
100
10,000
1
2
3
4
6
7
8
9
10
11
12
13
Drawing
No.
5
14
15
Products No.
SSSS213000
SSSS211900
SSSS222700
SSSS223600
SSSS212901
SSSS213202
SSSS213100
SSSS212200
SSSS212400
SSSS223200
SSSS223900
SSSS224100
SSSS211603
SSSS212301
SSSS224001
2
Travel
(mm)
Non shorting
2
Actuator
length(mm)
Vertical
Horizontal
Actuator
direction
1
2
1
2
1
2
Poles
2
3
2
3
2
3
2
3
4
2
3
4
2
3
Positions
Changeover
timing
Refer to P.111 for soldering conditions.
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.3A 6V DC / 50μA 3V DC
Contact resistance
(Initial performance / After lifetime)
70mΩ max. / 130mΩ max.
Operating force
Refer to the dimensions.
Operating life
Without load
10,000 cycles※
With load
10,000 cycles(0.3A 6V DC)※
Unit:mm
Reel size
ø380
25.4
Packing Specifications
Taping
Product No.
Number of packages(pcs.)
Tape width
(mm)
Export package measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
SSSS213202
1,200
2,400
4,800
24
428×413×172
SSSS212901
1,000
2,000
4,000
406×406×190
SSSS211603
SSSS212301
SSSS224001
1,400
2,800
5,600
Bulk
Product No.
Number of packages(pcs.) Export package measurements
(mm)
1 case /Japan 1 case /export packing
SSSS211900, SSSS212200,
SSSS212400, SSSS213000,
SSSS213100, SSSS222700,
SSSS223200, SSSS223600,
SSSS223900, SSSS224100
2,000
10,000
400×270×290


Similar Part No. - SSSS211900

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS211900 ALPS-SSSS211900 Datasheet
698Kb / 6P
Slide Switch
More results

Similar Description - SSSS211900

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3658 AMSCO-AS3658 Datasheet
148Kb / 3P
Power and Audio Management Unit for Portable Devices
AS3658 AMSCO-AS3658_07 Datasheet
6Mb / 158P
Power and Audio Management Unit for Portable Devices
logo
STMicroelectronics
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
Designing an application with the ST10F27x devices
24-Sep-2013
AN2595 STMICROELECTRONICS-AN2595 Datasheet
240Kb / 20P
Designing an application with the ST10F27xZx devices
31-Jul-2007
AN4430 STMICROELECTRONICS-AN4430 Datasheet
871Kb / 42P
Designing an NFC Android Application for M24SR and M24LR devices
14-Feb-2014
logo
MERITEK ELECTRONICS COR...
MPTS MERITEK-MPTS Datasheet
1Mb / 16P
Excellent for high density applications
logo
List of Unclassifed Man...
ANT-458-SP ETC2-ANT-458-SP Datasheet
304Kb / 1P
Perfect for compact portable devices
logo
Raltron Electronics Cor...
RT3215 RALTRON-RT3215 Datasheet
133Kb / 1P
IDEAL FOR HIGH DENSITY PACKAGING APPLICATION
logo
ON Semiconductor
B300 ONSEMI-B300 Datasheet
425Kb / 28P
Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
logo
Renesas Technology Corp
9TCS1082 RENESAS-9TCS1082 Datasheet
745Kb / 29P
FOR PORTABLE DEVICES
REV 0.5 102011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com