Electronic Components Datasheet Search
  English  ▼

X  

SSSS912500 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS912500
Description  Mid-size general purpose type well established for user friendliness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS912500 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSSS912500 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
96
96
5(H)mm, 2mm-travel Type
SSSS9
Packing Specifications
Bulk
Products No.
Number of packages(pcs.)
Export package
measurements(mm)
1 case / Japan
1 case / export packing
SSSS921800, SSSS923200, SSSS920600, SSSS928500, SSSS928200,
SSSS925701
800
4,000
400×270×290
SSSS912000, SSSS910800, SSSS926400, SSSS910400, SSSS919800,
SSSS916400, SSSS919500, SSSS918700, SSSS914503, SSSS918500,
SSSS922500, SSSS91B600, SSSS922000, SSSS916900, SSSS91A601,
SSSS912500, SSSS915001, SSSS925800, SSSS91B900, SSSS923802
1,000
5,000
Style
No.
PC board mounting hole dimensions
(Viewed from direction A)
1
11.5
2
2
22
9
0.5
PC board
mounting face
4.7
2
0.35
3.7
Travel
Terminal No.1
A
1-pole, 2-position
Standard type
22
3-ø0.7 hole
1.5
1.5
13.9
2
11.5
2
2-C0.3
2
2 2
9
0.5
4.7
2
0.35
PC board
mounting face
a
13.3
14.3
Travel
Terminal No. 1
A
1-pole, 2-position
Snap-in type
22
4-ø0.7 hole
4
3
1
1-pole, 3-position
Standard type
22
3-ø0.7 hole
Dimensions
Unit:mm
Vertical Actuator Type



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com