Electronic Components Datasheet Search
  English  ▼

X  

SSSS912500 Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS912500
Description  Mid-size general purpose type well established for user friendliness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS912500 Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

  SSSS912500 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SSSS912500 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
74
74
List of Varieties
Slide Switches
Series
SSSS2※1
SSSS9
SSAC
SSSF※2
SSSU※2
Photo
Actuator
direction
Horizontal
●
●
●
●
●
Vertical
●
●
—
●
●
Poles-positions
1-2
●
●
—
●
●
1-3
●
●
—
●
●
1-4
●
—
—
—
—
2-2
●
●
●
●
●
2-3
●
●
●
●
●
2-4
●
—
—
—
—
4-2
—
—
—
●
●
Travel(mm)
2
2
1.5
2
3
Operating temperature range
−40℃ to +85℃
−10℃ to +60℃
−40℃ to +85℃
Automotive use
—
—
—
—
—
Life cycle
Rating(max.)
(Resistive load)
0.3A 6V DC
0.1A 12V DC
1mA 5V DC
0.1A 30V DC
Rating(min.)
(Resistive load)
50μA 3V DC
1mA 5V DC
50μA 3V DC
10μA 1V DC
Durability
Operating life
without load
10,000 cycles
100mΩ max.※1
10,000 cycles
60mΩ max.
10,000 cycles
200mΩ max.
10,000 cycles 45mΩ max.
Operating life with
load Load: as rating
10,000 cycles
130mΩ max.※1
10,000 cycles
80mΩ max.
10,000 cycles 65mΩ max.
Electrical
performance
Initial contact
resistance
70mΩ max.
30mΩ max.
100mΩ max.
25mΩ max.
Insulation resistance
100MΩ min.
500V DC
100MΩ min.
100V DC
100MΩ min. 500V DC
Voltage proof
500V AC
for 1minute
100V AC
for 1minute
500V AC for 1minute
Mechanical
performance
Terminal strength
3N for 1minute
5N for 1minute
Actuator
strength
Operating
direction
20N
30N
5N
30N
Pulling
direction
10N
Environmental
performance
Cold
−20℃ 500h
−40℃ 500h
−20℃ 96h
−40℃ 500h
Dry heat
85℃ 500h
85℃ 96h
85℃ 500h
Damp heat
60℃, 90 to 95%RH 500h
40℃, 90 to 95%RH
96h
60℃, 90 to 95%RH 500h
Page
90
95
101
103
107
Slide Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 111
Slide Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 112
1. ※ 1. Operating life for SSSS213202 is 100 cycles.
2. ※ 2. The operating temperature range for automotive applications can be raised upon request. Please contact us for details.
3. ● Indicates applicability to all products in the series.
Note



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com