Electronic Components Datasheet Search
  English  ▼

X  

SSSS919800 Datasheet(PDF) 8 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS919800
Description  Mid-size general purpose type well established for user friendliness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS919800 Datasheet(HTML) 8 Page - ALPS ELECTRIC CO.,LTD.

  SSSS919800 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
111
111
300
200
100
A max.
B
D
C
E
Time (s)
F max.
Pre-heating
Room
temperature
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the
PC board’s temperature greatly differs from that of the switch, depending on the PC board’s material, size, thickness, etc.
The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly
recommended.
Notes
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple φ 0.1 to 0.2 CA(K)or CC(T)at soldering portion(copper foil surface).
A heat resisting tape should be used for fixed measurement.
3. Temperature profile
Slide Switches Soldering Conditions
SSSS8
SSSS7
SSAC
Soldering temperature
Duration of immersion
Preheating temperature
Preheating time
SSAH, SSAG, SSAJ, SSAL
SSSS9
SSSS2
SSSF, SSSU
Series
Series
3+1/0s
4s max.
3s max.
3s max.
3s max.
3s max.
2s max.
Items
Soldering time
Dip soldering
SSSS9
SSSS2
120℃ max.
100℃ max.
100℃ max.
100℃ max.
60s max.
60s max.
60s max.
60s max.
260±5℃
260±5℃
5+0/-1s(2 times)
3±1s
SSSF, SSSU
260±5℃
10±1s/5±1s
SSAC
260±5℃
5±1s
Reference for Hand Soldering
Reference for Dip Soldering
(For PC board terminal types)
330±5℃
320±5℃
300±10℃
350±10℃
350±10℃
350±10℃
350±5℃
Soldering temperature
SSSS2
Vertical
1-pole, 3-position
Vertical
1-pole, 2-position
Horizontal
1-pole, 2-position
1-pole, 3-position
2-pole, 3-position
SSSS7
SSAH, SSAG, SSAJ, SSAL, SSSS8
260
150
Series(Reflow type)
260
250
230
40
180
120
A(℃)
3s max.
B(℃)
C(s)
D(℃)
E(℃)
F(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com