Electronic Components Datasheet Search
  English  ▼

X  

SSSS919800 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS919800
Description  Mid-size general purpose type well established for user friendliness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS919800 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSSS919800 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
95
95
5(H)mm, 2mm-travel Type
Mid-size general purpose type well established for
user friendliness
SSSS9
SSSS925701
Japan
Export
1
2
1
2
2
3
2
3
2
3
2
3
Standard
Snap-in(t1.6)
Standard
Snap-in(t1.6)
Standard
Snap-in(t1.6)
Standard
Snap-in(t1.6)
Horizontal
Non shorting
Not specified
Non shorting
Not specified
Non shorting
Not specified
Non shorting
Not specified
5,000
4,000
5,000
4,000
Please contact us for automotive use products.
Note
1
2
3
4
5
6
1
2
3
4
5
6
7
8
9
10
12
14
8
9
10
11
12
13
14
15
2
4
2
4
1
2
1
2
2
3
2
3
2
3
2
3
Standard
Snap-in(t1.6)
Standard
Snap-in(t1.6)
Standard
Snap-in(t1.6)
Standard
Snap-in(t1.6)
Standard
Snap-in(t1.6)
Standard
Snap-in(t1.6)
SSSS912000
SSSS910400
SSSS919500
SSSS918500
SSSS922000
SSSS921800
SSSS912500
SSSS910800
SSSS919800
SSSS918700
SSSS922500
SSSS923200
SSSS920600
SSSS916900
SSSS915001
SSSS91B900
SSSS926400
SSSS928500
SSSS916400
SSSS914503
SSSS91B600
SSSS91A601
SSSS925800
SSSS923802
SSSS928200
Vertical
Mounting
method
Poles
Products No.
Positions
Drawing
No.
Actuator
direction
Actuator
length(mm)
2
Travel
(mm)
Non shorting
Not specified
Non shorting
Not specified
Non shorting
Not specified
Non shorting
Not specified
Changeover
timing
Manual,
Dip
Soldering
100
5,000
4,000
5,000
4,000
Minimum order unit(pcs.)
Product Line
Refer to P.111 for soldering conditions.
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)(Resistive load)
0.1A 12V DC / 1mA 5V DC
Contact resistance
(Initial performance / After lifetime)
30mΩ max. / 80mΩ max.
Operating force
2-position
3-position
3±1.5N
a, c → b 2±1N
b → a, c 3±1.5N
Operating life
Without load
10,000 cycles
With load
10,000 cycles(0.1A 12V DC)


Similar Part No. - SSSS919800

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS919800 ALPS-SSSS919800 Datasheet
395Kb / 6P
Slide Switch
More results

Similar Description - SSSS919800

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPB ALPS-SPPB Datasheet
750Kb / 8P
General-purpose Type
logo
Yamaichi Electronics Co...
CN074-340-0003 YAMAICHI-CN074-340-0003 Datasheet
107Kb / 1P
AdvancedMCTM Connector for ATCA (Type AB mid size)
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
Compact size for general purpose and industrial applications
ECO-S2HP680CA PANASONIC-ECO-S2HP680CA Datasheet
243Kb / 9P
Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
Compact size for general purpose and industrial applications
ECOS1CP473EA PANASONIC-ECOS1CP473EA Datasheet
193Kb / 10P
Compact size for general purpose and industrial applications
logo
Winchester Electronics ...
7410-16 WINCHESTER-7410-16 Datasheet
47Kb / 1P
MID SIZE PATECH PLUG
logo
ALPS ELECTRIC CO.,LTD.
SPPB ALPS-SPPB_15 Datasheet
1Mb / 8P
General-purpose Type
SSSF ALPS-SSSF_15 Datasheet
993Kb / 6P
Large-size general purpose type well established in various fields
SSSU ALPS-SSSU_15 Datasheet
974Kb / 6P
Large-size general purpose type with various knobs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com