Electronic Components Datasheet Search
  English  ▼

X  

SSSS918700 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS918700
Description  Mid-size general purpose type well established for user friendliness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS918700 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SSSS918700 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
98
98
9
10
11
1-pole, 2-position
Snap-in type
1
1-pole, 3-position
Standard type
1
a
1-pole, 3-position
Snap-in type
2 2
3-ø0.7 hole
1.5
1.5
13.9
22
4-ø0.7 hole
4
22
4-ø0.7 hole
1.5
1.5
16.5
4
Horizontal Actuator Type
Style
No.
PC board mounting hole dimensions
(Viewed from direction A)
1
2
2
3-ø0.7 hole
8
1-pole, 2-position
Standard type
Dimensions
Unit:mm
5(H)mm, 2mm-travel Type
SSSS9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com