Electronic Components Datasheet Search
  English  ▼

X  

SSSS918700 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS918700
Description  Mid-size general purpose type well established for user friendliness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS918700 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  SSSS918700 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SSSS918700 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
100
100
c
1
2
3
Circuit Diagram(Viewed from Direction A)
1-pole, 2-position
Drawing No.1, 2, 8, 9
c
12
34
1-pole, 3-position
Drawing No.3, 4, 10, 11
c
c
12
3
45
6
2-pole, 2-position
Drawing No.5, 12, 13
c
c
12 34
56 78
2-pole, 3-position
Drawing No.6, 7, 14, 15
1.5
Detail of a
Unit:mm
5(H)mm, 2mm-travel Type
SSSS9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com