Electronic Components Datasheet Search
  English  ▼

X  

DNR30US05 Datasheet(PDF) 4 Page - XP Power Limited

Part # DNR30US05
Description  Rugged Design for Industrial Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DNR30US05 Datasheet(HTML) 4 Page - XP Power Limited

  DNR30US05 Datasheet HTML 1Page - XP Power Limited DNR30US05 Datasheet HTML 2Page - XP Power Limited DNR30US05 Datasheet HTML 3Page - XP Power Limited DNR30US05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
21-Jan-11
Standby Versions
DNR0560
+V
-V
-V
DC OK
e.g. IN4001
Relay
Control
D1
LOAD
+V
5
AC Input
DC Output
ON
13
1
Voltage
Trim
-V -V +V +V DC
OK
NL
Lead
Acid
Battery
Fuse
Output Set Voltages For Standby Versions
Model(1)
Voltage
Current
DC OK Signal Off
Efficiency
DNR30US12#
13.6 V
2.20 A
10.30-11.30 V
84%
DNR30US24#
27.2 V
1.10 A
21.10-22.10 V
86%
DNR30US48#
54.5 V
0.55 A
42.70-43.70 V
86%
DNR60US12#(2)
13.6 V
4.40 A
10.30-11.30 V
86%
DNR60US24#
27.2 V
2.20 A
21.10-22.10 V
89%
DNR60US48#
54.5 V
1.10 A
42.70-43.70 V
89%
DCOK
N/O
N/C
Common
RL > 700Ω
-Vout
DCOK
22 K
0.5 W
5.1 V
0.3 W
-Vout
DC OK
Standard on 24 V models, 30-60 W only.
Example using external relay
to create volt-free contact
Example using external components
to create TTL signal
Output good = 24 V Output not good = 0 V
DNR30/60 connection for DC
standby system applications
DNR30/60 Connections
Conn
Pin
Designation
AC Input
1
Ground
2
Neutral
3
Line
DC Output
1
DC OK
2
Positive
3
Positive
4
Negative
5
Negative
Notes
Notes
Maximum current drain from battery by PSU when inactive 22 mA
1. With AC in, unit provides power to the load and to charge the
battery. The DC OK signal acts by sensing a voltage on +V and
holds the relay closed.
2. With loss of AC in, battery voltage is present on +V. DC OK
signal holds the relay closed. Battery supplies power to the load.
3. As the battery discharges, its voltage falls. When this falls below
the level shown in the table below the DC OK signal switches off
to allow the relay to open to disconnect and protect the battery.
1. Suffix # indicates standby version.
2. Not UL1310 approved.
30/60 W Models



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com