Electronic Components Datasheet Search
  English  ▼

X  

DNR30US05 Datasheet(PDF) 3 Page - XP Power Limited

Part # DNR30US05
Description  Rugged Design for Industrial Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DNR30US05 Datasheet(HTML) 3 Page - XP Power Limited

  DNR30US05 Datasheet HTML 1Page - XP Power Limited DNR30US05 Datasheet HTML 2Page - XP Power Limited DNR30US05 Datasheet HTML 3Page - XP Power Limited DNR30US05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5
4.53 (115.0)
1.59
(40.5)
3.60
(90.0)
AC Input
DC Output
ON
13
1
Voltage
Trim
-V
-V +V +V DC
OK
NL
DNR0560
DNR30/60 Connections
Conn
Pin
Designation
AC
Input
1
Ground
2
Neutral
3
Line
DC
Output
1
DC OK*
2
Positive
3
Positive
4
Negative
5
Negative
Mechanical Details
* 24 V and standby models only.
4.53 (115.0)
0.89
(22.5)
1
2
3.48
(88.5)
3
DC
Output
DC LO
ON
AC Input
Voltage
Trim
1
-V
+V
NL
Notes
1. All dimensions in inches (mm).
2. Weight 0.33 lb (150 g) approx.
3. Tolerance: ±0.02 (0.5) maximum.
4. Connection screw maximum torque:
Input: 9 lbs-in (1.0 Nm), Output: 5.5 lbs-in (0.6 Nm)
Notes
1. All dimensions in inches (mm).
2. Weight 0.8 lb (350 g) approx.
3. Tolerance: ±0.02 (0.5) maximum.
4. Connection screw maximum torque:
Input: 9 lbs-in (1.0 Nm), Output: 5.5 lbs-in (0.6 Nm)
DNR05, 10, 18 Connections
Conn
Pin
Designation
AC
Input
1
Ground
2
Neutral
3
Line
DC
Output
1
Positive
2
Negative
DNR05/10/18 W Models
30/60 W Models



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com