Electronic Components Datasheet Search
  English  ▼

X  

IR43X1 Datasheet(PDF) 6 Page - International Rectifier

Part # IR43X1
Description  High peak music power output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR43X1 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR43X1 Datasheet HTML 2Page - International Rectifier IR43X1 Datasheet HTML 3Page - International Rectifier IR43X1 Datasheet HTML 4Page - International Rectifier IR43X1 Datasheet HTML 5Page - International Rectifier IR43X1 Datasheet HTML 6Page - International Rectifier IR43X1 Datasheet HTML 7Page - International Rectifier IR43X1 Datasheet HTML 8Page - International Rectifier IR43X1 Datasheet HTML 9Page - International Rectifier IR43X1 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
IR43x1
6 www.irf.com
© 2013 International Rectifier
RthJC
Thermal resistance, junction to case
††††
IR4301
-
4
C/W
IR4321
-
4
IR4311
-
13
TJIC
Control IC junction temperature
-
150
C
TJFET
FET junction temperature
-
150
TS
Storage Temperature
-55
150
TL
Lead temperature (Soldering, 10 seconds)
-
300
†
IN- and IN+ contain clamping diodes between the two pins.
††
VAA -VSS, Vcc-COM and VB-VS contain internal shunt zener diodes. Please note that the
voltage ratings of these can be limited by the clamping current.
†††
For the rising and falling edges of step signal of 10V. Vss=15V to 200V.
††††
Per MOSFET
††††† Repetitive rating, pulse width limited by max. junction temperature
April 22, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com