Electronic Components Datasheet Search
  English  ▼

X  

IR43X1 Datasheet(PDF) 1 Page - International Rectifier

Part # IR43X1
Description  High peak music power output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR43X1 Datasheet(HTML) 1 Page - International Rectifier

  IR43X1 Datasheet HTML 1Page - International Rectifier IR43X1 Datasheet HTML 2Page - International Rectifier IR43X1 Datasheet HTML 3Page - International Rectifier IR43X1 Datasheet HTML 4Page - International Rectifier IR43X1 Datasheet HTML 5Page - International Rectifier IR43X1 Datasheet HTML 6Page - International Rectifier IR43X1 Datasheet HTML 7Page - International Rectifier IR43X1 Datasheet HTML 8Page - International Rectifier IR43X1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
IR43x1
1 www.irf.com
© 2013 International Rectifier
Features
Integrated analog input Class D audio amplifier
in a small 5 x 6 mm PQFN package
High peak music power output
No mechanical heatsink required
Split or single power supply
Differential or single-ended input
Over-current, over-temperature and under
voltage protections with self-reset function
Start and stop click noise reduction
High noise immunity
RoHS compliant
Typical Applications
Home theatre systems
Docking station audio systems
PC audio systems
Musical instruments
Karaoke amplifiers
Game consoles
Powered speaker systems
General purpose audio power amplifiers
Product Summary
Topology
Half-Bridge,
Full-Bridge
*IR4301 Output power
(Typical, THD+N=10%)
160 W/ 4 Ω
120 W/ 3 Ω
*IR4321 Output power
(Typical, THD+N=10%)
90 W/ 4 Ω
135 W/ 2 Ω
*IR4311 Output power
(Typical, THD+N=10%)
35 W/ 4 Ω
45 W/ 3 Ω
*Residual noise
(AES-17, IHF-A, typical)
250 μVrms
*THD+N
(1kHz, 1W, 4 Ω, typical)
0.02 %
* In typical application example
Package
5x6mm PQFN22
Typical Connection
-B
+B
Speaker
VB
VAA
VSS
IN+
IN-
COMP
CSD
COM
VN
VS
VP
VCC
CSH
GND
VCC
INPUT
April 22, 2013


Similar Part No. - IR43X1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR43X2 IRF-IR43X2 Datasheet
568Kb / 17P
channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
More results

Similar Description - IR43X1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
High peak-output current: 9A Peak (typ.)
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
0.6A maximum peak output current 0.5 A minimum peak output current
logo
M.S. Kennedy Corporatio...
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
High Output Current - 2 Amps Peak
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
High Output Current - 10 Amps Peak
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
High Output Current - 10 Amps Peak
logo
International Rectifier
IR4301 IRF-IR4301_15 Datasheet
1Mb / 15P
High peak music power output
logo
Ohmite Mfg. Co.
RES-OX-OY OHMITE-RES-OX-OY Datasheet
529Kb / 2P
High peak power
logo
Unisonic Technologies
2N6116L-T92-B UTC-2N6116L-T92-B Datasheet
134Kb / 3P
High peak output voltage
logo
Mean Well Enterprises C...
LRS-100N2 MEANWELL-LRS-100N2 Datasheet
198Kb / 5P
100W Single Output High Peak Power Supply
2023-08-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com