Electronic Components Datasheet Search
  English  ▼

X  

JPS Datasheet(PDF) 1 Page - XP Power Limited

Part # JPS
Description  100 W Convection-cooled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JPS Datasheet(HTML) 1 Page - XP Power Limited

  JPS Datasheet HTML 1Page - XP Power Limited JPS Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Input Voltage
• 90-264 VAC (130-370 VDC)
Input Frequency
• 47-63 Hz
Input Current
• 2.0/1.0 A max at 115/230 VAC (JPS130)
2.6/1.3 A max at 115/230 VAC (JPS130-M)
Inrush Current
• 30 A at 115 VAC, 60 A at 230 VAC,
cold start at 25 °C
Power Factor
• 0.9 typical
Earth Leakage Current
• 1.5 mA max at 264 VAC/60 Hz (JPS130)
260
µAmaxat275VAC/63Hz(JPS130-M)
Input Protection
• JPS130 internal T3.15 A/250 VAC fused line,
JPS130-M fused line & neutral
Output
Output Voltage
• See table
Output Voltage Trim
• ±10% on single output models,
±5% on multi output models,
auxiliary outputs will track by the same
percentage
Initial Set Accuracy
• At 60% rated load ±1% single outputs,
±3% on V1 for multi outputs
Minimum Load
• Single output: no minimum load required
Multi-outputs: (see note 1)
Start Up Rise Time
• <20 ms
Hold Up Time
• 16 ms typical at 115 VAC & rated load (JPS130)
20 ms typical at 115 VAC & rated load (JPS130-M)
Drift
• <±0.2% after 20 mins warm up
Line Regulation
• ±0.5% Vmin to Vmax
Load Regulation
• ±1%, ±5% for auxiliary outputs,
20%-100% of rated load
Transient Response
• 4% max deviation, recovery to within
1% in 500 µs for a 25% load change
Ripple & Noise
• ±1% max pk-pk (see note 4)
Overvoltage Protection
• 110-140% Vnom on V1 only,
recycle input to reset
Overload Protection
• 110-150%, auto recovery
Short Circuit Protection
• Trip & restart (hiccup mode), auto recovery
Temperature
• 0.05%/°C
Coefficient
Remote Sense
• Single output models only, compensates for
up to 0.5 V drop
Fan Output
• 12 V, 450 mA multi-output models only
Specification
130 Watts
•
High Efficiency
up to 90%
•
Medical Approval (JPS130M Versions)
•
3” x 5” Footprint
•
100 W Convectioncooled
•
130 W Forcedcooled
•
Single & Multi Outputs
•
3 Year Warranty
JPS Series
xppower.com
General
Efficiency
• Up to 90% nominal line, full load
Isolation
• 3000 VAC Input to Output (JPS130),
4000 VAC Input to Output (JPS130-M
2 x MOPP), 1500 VAC Input to Ground
(JPS130-M 1 x MOPP),
500 VAC Output to Ground
Switching Frequency
• 120 kHz, ±10% for both active PFC & PWM
Power Density
• 6.7 W/In3
MTBF
• 200 kHrs to MIL-HDBK-217F at 50 °C, GB
Environmental
Operating Temperature
• 0 °C to +70 °C, (see derating curves)
Cooling
• JPS130PS03 83 W convection-cooling,
100 W, with 18 CFM airflow.
All others, 100 W with convection
cooling,130 W with 18 CFM airflow
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C (JPS130)
-20 °C to +85 °C (JPS130-M)
Operating Altitude
• 3000 m
EMC & Safety
Emissions
• EN55022, Class B conducted
FCC 20780, level B conducted
EN60601-1-2, (JPS130-M)
Harmonic Currents
• EN61000-3-2 Class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 contact, level 3 air,
Perf Criteria A
Radiated Immunity
• EN61000-4-3, 10 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, Installation Class 3
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 2, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
95% 5000 ms Perf Criteria A, B, B
Safety Approvals
• JPS130:
EN60950-1, UL60950-1,
CSA C22.2 No. 60950-1,
CE Mark LVD.
JPS130-M: UL60601-1, EN60601-1,
CSA C22.2 No. 601.1
CE Mark LVD.


Similar Part No. - JPS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
JPS KEXIN-JPS Datasheet
38Kb / 2P
Silicon Switching Diode Array
logo
Mini-Circuits
JPS-2-1 MINI-JPS-2-1 Datasheet
363Kb / 1P
Power Splitter/Combiner
JPS-2-1+ MINI-JPS-2-1+ Datasheet
363Kb / 1P
Power Splitter/Combiner
JPS-2-1-75 MINI-JPS-2-1-75 Datasheet
363Kb / 1P
Power Splitter/Combiner
JPS-2-1-75+ MINI-JPS-2-1-75+ Datasheet
363Kb / 1P
Power Splitter/Combiner
More results

Similar Description - JPS

ManufacturerPart #DatasheetDescription
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
convection-cooled rectifier
logo
XP Power Limited
ECP225 XPPOWER-ECP225 Datasheet
410Kb / 2P
150/225 W Convection/ Forcedcooled
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
100 W Convection Rating, 150 W Forcedcooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
250 W Convection-cooled
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
Convection Cooled
logo
XP Power Limited
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
80/100 W Convection & Force-cooled Ratings
logo
Bel Fuse Inc.
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
600 W standard, 420 W convection cooled
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
600 W standard, 420 W convection cooled
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com