Electronic Components Datasheet Search
  English  ▼

X  

JPS Datasheet(PDF) 2 Page - XP Power Limited

Part # JPS
Description  100 W Convection-cooled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JPS Datasheet(HTML) 2 Page - XP Power Limited

  JPS Datasheet HTML 1Page - XP Power Limited JPS Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Sept-12
TB2
TB2
TB3
TB1
1
0.22 (5.7) [0.2 (5.0) -M]
-M version
0.16 (4.0) Dia Mounting Hole (4 Places)
To Chassis Grounding x 2
Voltage Trim
4.55 (115.6) [4.60 (117.0) -M]
5.00 (127.0)
N
L
1
1
0.10
(2.5)
JPS130
Mechanical Details
Models and Ratings
Notes
1. 20% minimum load required on V1 to maintain stated regulation for
auxiliary rails.
2. Load regulation of auxiliary rails is defined over the range of 20%-100%
of rated load.
3. Maximum power with 18 CFM of forced air.
4. Ripple and noise measured over 15 MHz bandwidth with a 47 µF
electrolytic capacitor and 0.47 µF ceramic capacitor.
5. Covers available, order part number ‘JPS130-M COVER’ or add suffix ‘-
C’ to receive the unit with cover fitted. Overall dimensions 89.5 x 143.0 x
40.0 mm. For industrial units order part number ‘JPS130 COVER’ or add
suffix ‘-C’ to receive the unit with cover fitted. Overall dimensions 90.6 x
142.9 x 39.8 mm. Fixing screws M3, maximum penetration depth 3mm
from cover outer surface.
6. Connector kits and cable harnesses available. Consult sales for options.
All dimensions are in inches (mm).
Tolerance: 0.02 (0.4) max.
Weight: 0.5 lbs (240 g) approx.
1. Single output industrial model shown, add extra 0.08” (2.0 mm) to overall
height for multi-output models. Dimensions followed by ‘-M’ apply for
medical units (note output connector orientation).
2. AC input connector (TB1): Molex 5277-02A or equivalent. Mates with
5196-N housings/5194/5225 crimps.
3. DC output connector (TB2): Molex 5273 or equivalent, mates with 5195-N
housing/5194/5225 crimps and 5239-N housing/5167/5168/2478/2578
crimps. Except JPS130PS03 which has a 6-position terminal screw
block: Dinkle part number EHK508V Series accepts 24-12 AWG wire.
Terminal screw tightening torque 4 lbs-in (0.45 Nm) maximum.
4. TB3: Molex 5045-02A or equivalent. Mates with KK 51191
housings/50802 crimps and KK 5051 housings/2759/5159 crimps. Single
output units - TB3 is remote sense. Multi-output units - TB3 is 12 V,
450 mA fan output.
TB3 PIN CONNECTIONS
Pin
Single
Multi
1
- Sense
0 V
2
+ Sense
+12 V Fan
Output
Power(3)
Output
Voltage
Output Current
Ripple & Noise
Pk-Pk(4)
Standard Model
Number
Medical Model
Number
Convection-cooled
18 CFM
100 W
3.3 V
25.0 A
30.0 A
50 mV
JPS130PS03
130 W
5.0 V
20.0 A
26.0 A
50 mV
JPS130PS05
JPS130PS05-M
12.0 V
9.0 A
10.8 A
120 mV
JPS130PS12
JPS130PS12-M
15.0 V
7.0 A
8.7 A
120 mV
JPS130PS15
JPS130PS15-M
24.0 V
4.5 A
5.4 A
200 mV
JPS130PS24
JPS130PS24-M
28.0 V
3.8 A
4.6 A
200 mV
JPS130PS28-M
48.0 V
2.1 A
2.7 A
200 mV
JPS130PS48
JPS130PS48-M
130 W
+5.0 V(1)
11.5 A
15.0 A
50 mV
JPS130PT31
+12.0 V(2)
3.0 A
5.0 A
100 mV
-12.0 V(2)
0.5 A
0.5 A
100 mV
130 W
+3.3 V(1)
10.0 A
15.0 A
50 mV
JPS130PT30
+5.0 V(2)
8.0 A
15.0 A
50 mV
+12.0 V(2)
0.5 A
0.5 A
100 mV
130 W
+5.0 V(1)
10.0 A
15.0 A
50 mV
JPS130PT31-M
+12.0 V(2)
3.0 A
4.1 A
120 mV
-12.0 V(2)
0.8 A
1.1 A
120 mV
130 W
+5.0 V(1)
10.0 A
15.0 A
50 mV
JPS130PT32-M
+15.0 V(2)
2.5 A
4.1 A
150 mV
-15.0 V(2)
0.8 A
1.1 A
150 mV
130 W
+5.0 V(1)
2.5 A
4.0 A
50 mV
JPS130PT34-M
+24.0 V(2)
2.8 A
4.0 A
240 mV
+12.0 V(2)
0.7 A
1.0 A
120 mV
JPS130-M PIN CONNECTIONS
TB2
PS05
PS 12 - 48
PT31
PT32
PT34
1
Return
Return
-12 V
-15 V
+12 V
2
Return
Return
+12 V
+15 V
+24 V
3
Return
Return
Return
Return
Return
4
Return
+V
Return
Return
Return
5
+V
+V
Return
Return
Return
6
+V
+V
Return
Return
Return
7
+V
+5 V
+5 V
+5 V
8
+V
+5 V
+5 V
+5 V
9
+5 V
+5 V
+5 V
Type *5273-08A *5273-06A
*5273-09A
JPS130 PIN CONNECTIONS
TB2
PS05
PS03, 12 - 48
PT31
PT30
1
+V
+V
+5 V
+3.3 V
2
+V
+V
+5 V
+3.3 V
3
+V
+V
+5 V
Return
4
+V
Return
Return
Return
5
Return
Return
Return
Return
6
Return
Return
Return
Return
7
Return
Return
Return
8
Return
+12 V
+5 V
9
-12 V
+5 V
10
+12 V
Type
*5273-08A
*5273-06A
*5273-09A
*5273-10A
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
130
0
Ambient Temp (˚C)
A
B
C
D
A
JPS130 and ‘-M’ with 18 CFM fan
(except JPS130PS03).
JPS130PS05, PT30, PT31, PT32 and
PT34 and ‘-M’ with convection cooling.
JPS130PS03 with convection cooling.
JPS130PS12, PS15, PS24 and PS48
and ‘-M’ with convection cooling.
JPS130PS03 with 18 CFM fan.
B
C
D
Notes
Derating Curves
* Note: MOLEX connector type



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com