Electronic Components Datasheet Search
  English  ▼

X  

JCE Datasheet(PDF) 1 Page - XP Power Limited

Part # JCE
Description  DIP24 Plastic Case
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCE Datasheet(HTML) 1 Page - XP Power Limited

  JCE Datasheet HTML 1Page - XP Power Limited JCE Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
6 Watts
•
2:1 Input Range
•
DIP24 Plastic Case
•
Operating Temperature 40 °C to +100 °C
•
Single & Dual Outputs
•
Optional Metal Case
•
1500 VDC Isolation, 3000 VDC Option
•
3 Year Warranty
JCE Series
Input
Input Voltage Range
• 12 V (9-18 VDC)
24 V (18-36 VDC)
48 V (36-75 VDC)
Input Current
• See table
Input Filter
• Pi network
Input Reflected Ripple
• 20 mA pk-pk through 12 µH inductor
and 4.7 µF capacitor
Input Surge
• 12 V models 25 VDC for 100 ms
24 V models 50 VDC for 100 ms
48 V models 100 VDC for 100 ms
Under Voltage Lockout
• 12 V models on >8.5 V, off <8.0 V
24 V models on >16.5 V, off <15.5 V
48 V models on >34.5 V, off <33.5 V
Output
Output Voltage
• See table
Output Voltage Balance
• ±2% max, dual output models
Initial Set Accuracy
• ±2% max
Minimum Load
• No minimum load required
Line Regulation
• ±0.5% max
Load Regulation
• ±1.2% max, for single output and ±5%
max for dual output from 10-100%
Cross Regulation
• ±5% max, on dual output models
(see note 1)
Start Up Delay
• 20 ms typical
Ripple & Noise
• 80 mV pk-pk (100 mV for D24 models),
20 MHz bandwidth. See note 2
Transient Response
• 3% max deviation, recovery to within 1%
in 300 µs for a 25% load change (4%
max. deviation for S3V3 models)
Overload Protection
• 135% - 185% of full load
Short Circuit Protection
• Trip and restart (hiccup mode),
auto recovery
Maximum Capacitive
• See table
Load
Temperature
• 0.02%/°C max
Coefficient
xppower.com
General
Efficiency
• See table
Isolation Voltage
• 1500 VDC Input to Output
For optional high isolation versions
3000 VDC Input to Output add suffix -H to
model number
1000 VDC Input to Case
1000 VDC Output to Case
Isolation Capacitance
• 1000 pF typical input to output
Isolation Resistance
• 109
Ω
Switching Frequency
• 330 kHz typical
Power Density
• 15 W/in3
MTBF
• >800 KHrs to MIL-STD-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +100 °C (see derating curve)
Case Temperature
• +100 °C max
Storage Temperature
• -55 °C to +125 °C
Cooling
• Convection-cooled
Operating Humidity
• Up to 95% RH, non-condensing
EMC
Emissions
• EN55022 Class A conducted
ESD Immunity
• EN61000-4-2, level 3, Perf Criteria B
Radiated Immunity
• EN61000-4-3, 10 V/m, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 2, Perf Criteria A*
Conducted Immunity
• EN61000-4-6, 10 Vrms, Perf Criteria A
Magnetic Field
• EN61000-4-8, 1 A/m, Perf Criteria A
* External input capacitor required, 220µF/100V (See note 7)


Similar Part No. - JCE

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCE JBCAPACITORS-JCE Datasheet
260Kb / 2P
Load life of 2000~3000 hours
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
1500 VDC Isolation, 3000 VDC Option
JCE0312D03 XPPOWER-JCE0312D03 Datasheet
328Kb / 3P
1500 VDC Isolation, 3000 VDC Option
JCE0312D05 XPPOWER-JCE0312D05 Datasheet
328Kb / 3P
1500 VDC Isolation, 3000 VDC Option
JCE0312D12 XPPOWER-JCE0312D12 Datasheet
328Kb / 3P
1500 VDC Isolation, 3000 VDC Option
More results

Similar Description - JCE

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_12 Datasheet
288Kb / 5P
DC/DC CONVERTER 3W, DIP-24 Plastic Package
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Central Semiconductor C...
HDDIPPD CENTRAL-HDDIPPD Datasheet
733Kb / 3P
HD DIP Case
logo
XP Power Limited
JTE XPPOWER-JTE Datasheet
246Kb / 2P
DIP-24 Plastic Case
logo
Total Power Internation...
MIAR03 TOTAL-POWER-MIAR03 Datasheet
756Kb / 4P
DIP-24 Plastic Package
MIW06 TOTAL-POWER-MIW06 Datasheet
470Kb / 4P
DIP-24 Plastic Package
MIW3100 TOTAL-POWER-MIW3100 Datasheet
402Kb / 4P
DIP-24 Plastic Package
MIWI06 TOTAL-POWER-MIWI06 Datasheet
472Kb / 4P
DIP-24 Plastic Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com