Electronic Components Datasheet Search
  English  ▼

X  

JCE Datasheet(PDF) 2 Page - XP Power Limited

Part # JCE
Description  DIP24 Plastic Case
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCE Datasheet(HTML) 2 Page - XP Power Limited

  JCE Datasheet HTML 1Page - XP Power Limited JCE Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-Aug-13
Application Notes
JCE06
Models and Ratings
Derating Curve
Notes
1. When one output is set at 100% load and the other varies between 25% & 100% load.
2. Measured with 20 MHz bandwidth and 1 µF ceramic capacitor across output rails.
3. Input current specified at nominal 12 V, 24 V or 48 V input.
4. For optional 3000 VDC isolation add suffix -H to part number e.g.
JCE0624S12-H
5. For optional metal case version add suffix -M to part number e.g.
JCE0612S24-M
6. Maximum capacitive load is per output
7. For surge immunity, external input capacitor required, 220 µF/100 V. 24 V &
48 V input models are Perf Criteria A, 12 V input models are Perf Criteria B.
Mechanical Details
Input Voltage
Output
Voltage
Output
Current
Input Current(1)
Maximum
Capacitive Load(6)
Efficiency
Model Number(4,5)
No Load
Full Load
9-18 VDC
3.3 V
1400 mA
7 mA
513 mA
470 µF
75%
JCE0612S3V3
5.0 V
1200 mA
7 mA
633 mA
470 µF
79%
JCE0612S05
12.0 V
500 mA
10 mA
602 mA
100 µF
83%
JCE0612S12
15.0 V
400 mA
10 mA
595 mA
100 µF
84%
JCE0612S15
24.0 V
250 mA
20 mA
610 mA
47 µF
82%
JCE0612S24
±3.3 V
±909 mA
10 mA
658 mA
±220 µF
76%
JCE0612D03
±5.0 V
±600 mA
10 mA
625 mA
±220 µF
80%
JCE0612D05
±12.0 V
±250 mA
15 mA
602 mA
±100 µF
83%
JCE0612D12
±15.0 V
±200 mA
20 mA
595 mA
±100 µF
84%
JCE0612D15
±24.0 V
±125 mA
35 mA
617 mA
±47 µF
81%
JCE0612D24
18-36 VDC
3.3 V
1400 mA
7 mA
260 mA
470 µF
74%
JCE0624S3V3
5.0 V
1200 mA
7 mA
316 mA
470 µF
79%
JCE0624S05
12.0 V
500 mA
7 mA
301 mA
100 µF
83%
JCE0624S12
15.0 V
400 mA
7 mA
301 mA
100 µF
83%
JCE0624S15
24.0 V
250 mA
10 mA
305 mA
47 µF
82%
JCE0624S24
±3.3 V
±909 mA
7 mA
329 mA
±220 µF
76%
JCE0624D03
±5.0 V
±600 mA
7 mA
312 mA
±220 µF
80%
JCE0624D05
±12.0 V
±250 mA
10 mA
301 mA
±100 µF
83%
JCE0624D12
±15.0 V
±200 mA
15 mA
298 mA
±100 µF
84%
JCE0624D15
±24.0 V
±125 mA
20 mA
305 mA
±47 µF
82%
JCE0624D24
36-75 VDC
3.3 V
1400 mA
7 mA
128 mA
470 µF
76%
JCE0648S3V3
5.0 V
1200 mA
7 mA
154 mA
470 µF
82%
JCE0648S05
12.0 V
500 mA
7 mA
151 mA
100 µF
84%
JCE0648S12
15.0 V
400 mA
7 mA
151 mA
100 µF
84%
JCE0648S15
24.0 V
250 mA
7 mA
151 mA
47 µF
84%
JCE0648S24
±3.3 V
±909 mA
7 mA
162 mA
±220 µF
78%
JCE0648D03
±5.0 V
±600 mA
7 mA
154 mA
±220 µF
82%
JCE0648D05
±12.0 V
±250 mA
7 mA
151 mA
±100 µF
84%
JCE0648D12
±15.0 V
±200 mA
7 mA
151 mA
±100 µF
84%
JCE0648D15
±24.0 V
±125 mA
15 mA
158 mA
±47 µF
80%
JCE0648D24
Printed Face
3
2
11
9
22
23
14
16
Bottom View
1.25
(31.75)
0.80
(20.32)
0.40
(10.40)
0.60
(15.24)
0.90
(22.86)
0.02
(0.50)
0.02
(0.50)
0.20
(5.08)
0.12
(3.05)
Pin
Single
Dual
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
N.C.
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
-40 -20
0
10 20 30 40 50 60 70 80 90 100
20
40
60
80
100
Ambient Temperature (ºC)
0
Notes
1. All dimensions are in inches (mm)
2. Weight: 0.03 lbs (13 g) for plastic case, 0.04 lbs (16.5 g) for metal case
3. Pin diameter: 0.02 ±0.002 (0.5 ±0.005)
4. Pin pitch and length tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
6. Package: 24 pin DIL black plastic (UL94V-0) or optional nickel-coated copper.
Plastic Case
Optional Metal Case
Printed Face
Bottom View
1.25
(31.75)
0.90
(22.86)
0.80
(20.32)
0.60
(15.24)
DIA
0.02
(0.50)
0.10
(2.54)
0.40 (10.40)
0.12 (3.05) Min.
0.20
(5.08)
23
22
16 14
23
9
11
(
)
(
)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com