Electronic Components Datasheet Search
  English  ▼

X  

STL18N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL18N60M2
Description  N-channel 600 V, 0.278 Ω typ., 9 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL18N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL18N60M2 Datasheet HTML 2Page - STMicroelectronics STL18N60M2 Datasheet HTML 3Page - STMicroelectronics STL18N60M2 Datasheet HTML 4Page - STMicroelectronics STL18N60M2 Datasheet HTML 5Page - STMicroelectronics STL18N60M2 Datasheet HTML 6Page - STMicroelectronics STL18N60M2 Datasheet HTML 7Page - STMicroelectronics STL18N60M2 Datasheet HTML 8Page - STMicroelectronics STL18N60M2 Datasheet HTML 9Page - STMicroelectronics STL18N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STL18N60M2
6/16
DocID026517 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
Single pulse
0.05
0.02
0.01
d=0.5
0.1
0.2
K
10
tp(s)
-5
10
-4
10
-3
10
10
-2
10
-1
10
-6
10
-3
10
-2
-1
10
ZthPowerFlat_5x6_19
ID
15
10
5
0
0
10
VDS(V)
(A)
5
15
20
4V
5V
6V
VGS=7, 8, 9, 10V
20
25
30
AM15837v1
ID
10
0
0
4
VGS(V)
8
(A)
2
6
20
30
VDS=18V
10
5
15
25
AM15838v1
VDS
VGS
6
4
2
0
0
Qg(nC)
(V)
5
8
10
VDD=480V
300
200
100
0
400
VDS
10
500
VDS
(V)
ID=13A
15
20
25
12
AM15839v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com