Electronic Components Datasheet Search
  English  ▼

X  

PEB2256 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # PEB2256
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button PEB2256 Datasheet HTML 45Page - Infineon Technologies AG PEB2256 Datasheet HTML 46Page - Infineon Technologies AG PEB2256 Datasheet HTML 47Page - Infineon Technologies AG PEB2256 Datasheet HTML 48Page - Infineon Technologies AG PEB2256 Datasheet HTML 49Page - Infineon Technologies AG PEB2256 Datasheet HTML 50Page - Infineon Technologies AG PEB2256 Datasheet HTML 51Page - Infineon Technologies AG PEB2256 Datasheet HTML 52Page - Infineon Technologies AG PEB2256 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 490 page
background image
FALC56 V1.2
PEB 2256
Pin Descriptions
Data Sheet
49
2002-08-27
Note: oD = open drain output
PU = input or input/output comprising an internal pullup device
To override the internal pullup by an external pulldown, a resistor value of 22 k
Ω
is recommended.
The pullup devices are activated during reset, this means their state is undefined
until the reset signal has been applied.
Unused pins containing pullups can be left open.
Unused Pins
19
20
74
80
A4
B2
E5
H1
H2
N.C.
not connected, to be left open for compatibility
with future products.
Boundary Scan/Joint Test Access Group (JTAG)
14
F1
TRS
I + PU
Test Reset for Boundary Scan
(active low). If not connected, an internal pullup
transistor ensures high input level.
If the JTAG boundary scan is not used, this pin
must be connected to RES or V
SS.
15
G1
TDI
I + PU
Test Data Input for Boundary Scan
If not connected an internal pullup transistor
ensures high input level.
16
F2
TMS
I + PU
Test Mode Select for Boundary Scan
If not connected an internal pullup transistor
ensures high input level.
17
G3
TCK
I + PU
Test Clock for Boundary Scan
If not connected an internal pullup transistor
ensures high input level.
18
G2
TDO
O
Test Data Output for Boundary Scan
Table 5
Pin Definitions - Miscellaneous (cont’d)
Pin
No.
Ball
No.
Symbol
Input (I)
Output (O)
Supply (S)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com