Electronic Components Datasheet Search
  English  ▼

X  

PEB2256 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # PEB2256
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button PEB2256 Datasheet HTML 17Page - Infineon Technologies AG PEB2256 Datasheet HTML 18Page - Infineon Technologies AG PEB2256 Datasheet HTML 19Page - Infineon Technologies AG PEB2256 Datasheet HTML 20Page - Infineon Technologies AG PEB2256 Datasheet HTML 21Page - Infineon Technologies AG PEB2256 Datasheet HTML 22Page - Infineon Technologies AG PEB2256 Datasheet HTML 23Page - Infineon Technologies AG PEB2256 Datasheet HTML 24Page - Infineon Technologies AG PEB2256 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 490 page
background image
FALC56 V1.2
PEB 2256
Introduction
Data Sheet
21
2002-08-27
•
Channel loop back, line loop back or payload loop back capabilities (TR54016)
• Pseudo-random binary sequence generator and monitor
(framed or unframed)
• Clear channel capabilities (T1/J1)
• Loop-timed mode
Signaling Controller
• Three HDLC controllers
Bit stuffing, CRC check and generation, flag generation, flag and address recognition,
handling of bit oriented functions
• Supports signaling system #7
delimitation, alignment and error detection according to ITU-Q.703
processing of fill in signaling units, processing of errored signaling units
• CAS/CAS-BR controller with last look capability, enhanced CAS-register access and
freeze signaling indication
• DL-channel protocol for ESF format according to ANSI T1.403 specification or
according to AT&T TR54016 (T1/J1)
• DL-bit access for F72 (SLC96) format (T1/J1)
• Generates periodical performance report according to ANSI T1. 403
• Provides access to serial signaling data streams
• Multiframe synchronization and synthesis according to ITU-T G.732
• Alarm insertion and detection (AIS and LOS in time slot 16)
• Transparent mode
• FIFO buffers (64 bytes deep) for efficient transfer of data packets
• Time slot assignment
Any combination of time slots selectable for data transfer independent of signaling
mode (useful for fractional T1/J1 applications)
• Time-slot 0 S
a8...4-bit handling via FIFOs (E1)
• HDLC access to any S
a-bit combination (E1)
Microprocessor Interface
• 8/16-bit microprocessor bus interface (Intel or Motorola type)
• All registers directly accessible (byte or word access)
• Multiplexed and non-multiplexed address bus operations
• Hard/software reset options
• Extended interrupt capabilities
• One-second timer (internal or external timing reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com