Electronic Components Datasheet Search
  English  ▼

X  

STTH1R04-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1R04-Y
Description  Automotive ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R04-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1R04-Y Datasheet HTML 1Page - STMicroelectronics STTH1R04-Y Datasheet HTML 2Page - STMicroelectronics STTH1R04-Y Datasheet HTML 3Page - STMicroelectronics STTH1R04-Y Datasheet HTML 4Page - STMicroelectronics STTH1R04-Y Datasheet HTML 5Page - STMicroelectronics STTH1R04-Y Datasheet HTML 6Page - STMicroelectronics STTH1R04-Y Datasheet HTML 7Page - STMicroelectronics STTH1R04-Y Datasheet HTML 8Page - STMicroelectronics STTH1R04-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
July 2013
DocID024449 Rev 1
1/10
STTH1R04-Y
Automotive ultrafast recovery diode
Datasheet
- production data
Features
• Negligible switching losses
• Low forward and reverse recovery times
• High junction temperature
• AEC-Q101 qualified
• ECOPACK®2 compliant component
Description
The STTH1R04-Y series uses ST's new 400 V
planar Pt doping technology. Specially suited for
switching mode base drive and transistor circuits.
Packaged in surface mount packages, this device
is intended for use in low voltage, high frequency
inverters, free wheeling and polarity protection for
all automotive application.
Table 1. Device summary
Symbol
Value
IF(AV)
1 A
VRRM
400 V
Tj (max)
175 °C
VF (typ)
0.9 V
trr (typ)
14 ns
SMA
STTH1R04AY
SMB
STTH1R04UY
K
A
K
A
www.st.com


Similar Part No. - STTH1R04-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R04-Y STMICROELECTRONICS-STTH1R04-Y Datasheet
357Kb / 12P
Automotive ultrafast recovery diode
16-Mar-2017
STTH1R04-Y STMICROELECTRONICS-STTH1R04-Y_V01 Datasheet
357Kb / 12P
Automotive ultrafast recovery diode
16-Mar-2017
More results

Similar Description - STTH1R04-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
96Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH4R02-Y STMICROELECTRONICS-STTH4R02-Y Datasheet
109Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH602C-Y STMICROELECTRONICS-STTH602C-Y Datasheet
99Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH810-Y STMICROELECTRONICS-STTH810-Y Datasheet
111Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH1210-Y STMICROELECTRONICS-STTH1210-Y Datasheet
106Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH3010-Y STMICROELECTRONICS-STTH3010-Y Datasheet
196Kb / 9P
Automotive ultrafast recovery - high voltage diode
28-Jun-2012
STTH4R02UY STMICROELECTRONICS-STTH4R02UY Datasheet
114Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH2R02UY STMICROELECTRONICS-STTH2R02UY Datasheet
95Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH802SFY STMICROELECTRONICS-STTH802SFY Datasheet
497Kb / 13P
Automotive 200 V ultrafast recovery diode
July 2018 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com