Electronic Components Datasheet Search
  English  ▼

X  

STTH1R04-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1R04-Y
Description  Automotive ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R04-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1R04-Y Datasheet HTML 1Page - STMicroelectronics STTH1R04-Y Datasheet HTML 2Page - STMicroelectronics STTH1R04-Y Datasheet HTML 3Page - STMicroelectronics STTH1R04-Y Datasheet HTML 4Page - STMicroelectronics STTH1R04-Y Datasheet HTML 5Page - STMicroelectronics STTH1R04-Y Datasheet HTML 6Page - STMicroelectronics STTH1R04-Y Datasheet HTML 7Page - STMicroelectronics STTH1R04-Y Datasheet HTML 8Page - STMicroelectronics STTH1R04-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STTH1R04-Y
4/10
DocID024449 Rev 1
Figure 5. Junction capacitance versus
reverse voltage applied (typical values)
Figure 6. Reverse recovery charges versus
dIF/dt (typical values)
1
10
100
1
10
100
1000
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)
0
4
8
12
16
20
24
28
32
36
40
10
100
1000
Q
RR(nC)
I
F= 1 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
Figure 7. Reverse recovery time versus
dIF/dt (typical values)
Figure 8. Peak reverse recovery current versus
dIF/dt (typical values)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
10
100
1000
t
RR(ns)
I
F= 1 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
100
1000
I
RM(A)
I
F= 1 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
Figure 9. Relative variations of dynamic
parameters versus junction temperature
Figure 10. Transient peak forward voltage
versus dIF/dt (typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
Q
RR;IRM [Tj]/ QRR;IRM [Tj=125°C]
I
RM
Q
RR
I
F= 1 A
V
R=320 V
Tj(°C)
Q
RR;IRM [Tj]/ QRR;IRM [Tj=125°C]
0
5
10
15
20
25
30
0
50
100
150
200
250
300
350
400
450
500
V
Fp(V)
I
F=1 A
T
j=125 °C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com