Electronic Components Datasheet Search
  English  ▼

X  

LSF0204 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204
Description  4-Bits Bidirectional Multi-Voltage Level Translator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LSF0204 Datasheet HTML 13Page - Texas Instruments LSF0204 Datasheet HTML 14Page - Texas Instruments LSF0204 Datasheet HTML 15Page - Texas Instruments LSF0204 Datasheet HTML 16Page - Texas Instruments LSF0204 Datasheet HTML 17Page - Texas Instruments LSF0204 Datasheet HTML 18Page - Texas Instruments LSF0204 Datasheet HTML 19Page - Texas Instruments LSF0204 Datasheet HTML 20Page - Texas Instruments LSF0204 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Output
Input
Time (ns)
0
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
EN
A1
A2
B1
B2
Vcc
Rpu
Rpu
MDC
MDIO
Vcc
MDC
MDIO
GND
Rpu
Rpu
A3
A4
B3
B4
ON
Off
1.8 V
enable signal
SW
SW
SW
SW
LSF0204
Vpu_2 = 1.8 V
Vrev_A = 1.8 V
Vrev_B = 3.3 V
Vpu_1 = 3.3 V
Vcc
GPIO
GPIO
Vpu = 1.0 V
Rpu
LSF0204, LSF0204D
www.ti.com
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
11.2.3 Multiple Voltage Translation in Single Device, Application
11.2.3.1 Design Requirements
Refer to Design Requirements.
11.2.3.2 Detailed Design Procedure
Refer to Detailed Design Procedure
11.2.3.3 Application Curve
Figure 14. Translation Down (3.3 V to 1.8 V) at 150 MHz
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com