Electronic Components Datasheet Search
  English  ▼

X  

LSF0204 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204
Description  4-Bits Bidirectional Multi-Voltage Level Translator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204 Datasheet(HTML) 5 Page - Texas Instruments

  LSF0204 Datasheet HTML 1Page - Texas Instruments LSF0204 Datasheet HTML 2Page - Texas Instruments LSF0204 Datasheet HTML 3Page - Texas Instruments LSF0204 Datasheet HTML 4Page - Texas Instruments LSF0204 Datasheet HTML 5Page - Texas Instruments LSF0204 Datasheet HTML 6Page - Texas Instruments LSF0204 Datasheet HTML 7Page - Texas Instruments LSF0204 Datasheet HTML 8Page - Texas Instruments LSF0204 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LSF0204, LSF0204D
www.ti.com
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VI
Input voltage (2)
–0.5
7
V
VI/O
Input/output voltage (2)
–0.5
7
V
Continuous channel current
128
mA
IIK
Input clamp current
VI < 0
–50
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and input/output negative-voltage ratings may be exceeded if the input and input/output clamp-current ratings are observed.
8.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI/O
Input/output voltage
0
5
V
Vref_A/B/EN
Reference voltage
0
5
V
IPASS
Pass transistor current
64
mA
TA
Operating free-air temperature
–40
125
°C
8.4 Thermal Information
LSF0204
THERMAL METRIC(1)
RGY (VQFN)
RUT (UQFN)
PW (TSSOP)
UNIT
14 PINS
12 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
83.2
195.8
157.9
°C
RθJC(top)
Junction-to-case (top) thermal resistance
98.2
98.7
82.3
°C
RθJB
Junction-to-board thermal resistance
59.2
122.6
100.0
°C
ψJT
Junction-to-top characterization parameter
17.4
6.2
22.9
°C
ψJB
Junction-to-board characterization parameter
59.4
122.6
99.0
°C
RθJC(bot)
Junction-to-case (bottom) thermal resistance
38.7
N/A
N/A
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com