Electronic Components Datasheet Search
  English  ▼

X  

STWA48N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STWA48N60M2
Description  Extremely low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA48N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STWA48N60M2 Datasheet HTML 2Page - STMicroelectronics STWA48N60M2 Datasheet HTML 3Page - STMicroelectronics STWA48N60M2 Datasheet HTML 4Page - STMicroelectronics STWA48N60M2 Datasheet HTML 5Page - STMicroelectronics STWA48N60M2 Datasheet HTML 6Page - STMicroelectronics STWA48N60M2 Datasheet HTML 7Page - STMicroelectronics STWA48N60M2 Datasheet HTML 8Page - STMicroelectronics STWA48N60M2 Datasheet HTML 9Page - STMicroelectronics STWA48N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STWA48N60M2
6/12
DocID028710 Rev 1
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Tranfer characteristics
Figure 6: Gate charge vs gate-source voltage
Figure 7: Static drain-source on-resistance
ID
60
40
20
0
0
10
VDS(V)
20
(A)
5
15
80
100
4V
5V
6V
VGS=8, 9, 10V
120
7V
30
25
GIPD020920141114FSR
ID
60
40
20
0
0
4
VGS(V)
8
(A)
2
6
80
100
VDS=21V
120
10
GIPD020920141125FSR
VGS
6
4
2
0
0
Qg(nC)
(V)
60
8
20
40
10
VDD=480V
ID=42A
80
500
300
0
VDS
VDS(V)
200
400
100
12
GIPD020920141134FSR
RDS(on)
0.060
0.0590
0.0580
0.0570
0
8
ID(A)
(Ω)
16
VGS=10V
24
0.0620
0.0610
32
40
0.0630
GIPD020920141147FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com