Electronic Components Datasheet Search
  English  ▼

X  

TD351IDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TD351IDT
Description  Advanced IGBT/MOSFET driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD351IDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TD351IDT Datasheet HTML 2Page - STMicroelectronics TD351IDT Datasheet HTML 3Page - STMicroelectronics TD351IDT Datasheet HTML 4Page - STMicroelectronics TD351IDT Datasheet HTML 5Page - STMicroelectronics TD351IDT Datasheet HTML 6Page - STMicroelectronics TD351IDT Datasheet HTML 7Page - STMicroelectronics TD351IDT Datasheet HTML 8Page - STMicroelectronics TD351IDT Datasheet HTML 9Page - STMicroelectronics TD351IDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
TD351
6/19
Doc ID 10977 Rev 2
4
Electrical characteristics
TA = -20 to 125°C, VH = 16 V, unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Input
Vton
IN turn-on threshold voltage
0.8
1.0
V
Vtoff
IN turn-off threshold voltage
4.0
4.2
V
tonmin
Minimum pulse width
100
135
220
ns
Iinp
IN input current
IN input voltage < 4.5V
1
µA
Voltage reference (1)
Vref
Voltage reference
T = 25°C
4.85
5.00
5.15
V
Iref
Maximum output current
10
mA
Clamp
Vtclamp
CLAMP pin voltage threshold
2.0
V
VCL
Clamp low voltage
Icsink = 500mA
2.5
V
Delay
Vtdel
Voltage threshold
2.5
V
Rdel
Discharge resistor
I=1mA
500
Off Level
Iblvoff
LVOFF peak input current (sink)
LVOFF = 12V
90
200
µA
Violv
Offset voltage
LVOFF = 12V
-0.3
-0.15
0
V
Output
Isink
Output sink current
Vout = 6V
1000
1700
mA
Isrc
Output source current
Vout = VH-6V
750
1300
mA
VOL1
Output low voltage 1
Iosink = 20mA
0.35
V
VOL2
Output low voltage 2
Iosink = 500mA
2.5
V
VOH1
Output high voltage 1
Iosource = 20mA
VH-2.5
V
VOH2
Output high voltage 2
Iosource = 500mA
VH-4.0
V
tr
Rise time
CL = 1nF, 10% to 90%
100
ns
tf
Fall time (2)
CL = 1nF, 90% to 10%
100
ns
tdon
Turn on propagation delay
10% OUT change:
Rd = 4.7kΩ, no Cd
Rd = 10kΩ, Cd = 220 pF
1.8
2.0
600
2.2
ns
µs
tdoff
Turn off propagation delay (2)
10% OUT change
550
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com