Electronic Components Datasheet Search
  English  ▼

X  

TD351IDT Datasheet(PDF) 9 Page - STMicroelectronics

Part # TD351IDT
Description  Advanced IGBT/MOSFET driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD351IDT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TD351IDT Datasheet HTML 5Page - STMicroelectronics TD351IDT Datasheet HTML 6Page - STMicroelectronics TD351IDT Datasheet HTML 7Page - STMicroelectronics TD351IDT Datasheet HTML 8Page - STMicroelectronics TD351IDT Datasheet HTML 9Page - STMicroelectronics TD351IDT Datasheet HTML 10Page - STMicroelectronics TD351IDT Datasheet HTML 11Page - STMicroelectronics TD351IDT Datasheet HTML 12Page - STMicroelectronics TD351IDT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TD351
Functional description
Doc ID 10977 Rev 2
9/19
Ta is approximately given by (see Figure 5):
The turn-off delay (Ta) is also used to delay the input signal to prevent distortion of input
pulse width.
The two-level turn-off sequence can be disabled by connecting the LVOFF pin to VH and
connecting the CD pin to VREF with a 4.7 k
Ω resistor.
5.5
Minimum input ON-time
Input signals with ON-time smaller than Ta are ignored.
ON-time signals larger than Ta+2
.R
del
.C
d (Rdel is the internal discharge switch resistance,
Cd is the external timing capacitor) are transmitted to the output stage after the Ta delay, with
minimum width distortion (
∆Tw=Twout-Twin).
For ON-time input signals close to Ta (between Ta and Ta+2
.R
del
.C
d), the two-level duration
is slightly reduced and the total output width can be smaller than the input width (see
Figure 7).
5.6
Output stage
The output stage is able to sink/source 1.7 A/1.3 A (typical) at 25 °C and 1.0 A/0.75 A min.
over the full temperature range. This current capability is specified near the usual IGBT
Miller plateau.
5.7
Undervoltage protection
Undervoltage detection protects the application in the event of a low VH supply voltage
(during startup or a fault situation). During undervoltage, the OUT pin is driven low (active
pull-down for VH>2V, and passive pull-down for VH<2V).
T
a µs
()
0.7
R
d kΩ
() C
d nF
()
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com