Electronic Components Datasheet Search
  English  ▼

X  

TDA7851F Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7851F
Description  4 48 W MOSFET quad bridge power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7851F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7851F Datasheet HTML 3Page - STMicroelectronics TDA7851F Datasheet HTML 4Page - STMicroelectronics TDA7851F Datasheet HTML 5Page - STMicroelectronics TDA7851F Datasheet HTML 6Page - STMicroelectronics TDA7851F Datasheet HTML 7Page - STMicroelectronics TDA7851F Datasheet HTML 8Page - STMicroelectronics TDA7851F Datasheet HTML 9Page - STMicroelectronics TDA7851F Datasheet HTML 10Page - STMicroelectronics TDA7851F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID17714 Rev 4
7/18
TDA7851F
Electrical specifications
17
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Electrical characteristics
Refer to the test and application diagram, VS = 14.4 V; RL = 4 Ω; Rg = 600 Ω; f = 1 kHz;
Tamb = 25 °C; unless otherwise specified.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Operating supply voltage
18
V
VS (DC)
DC supply voltage
28
V
VS (pk)
Peak supply voltage (for t = 50 ms)
50
V
IO
Output peak current
Non repetitive (t = 100 μs)
Repetitive (duty cycle 10% at f = 10 Hz)
10
9
A
A
Ptot
Power dissipation Tcase = 70 °C
85
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage range
-
8
-
18
V
Iq1
Quiescent current
RL = 
100
150
300
mA
VOS
Output offset voltage
Play mode / Mute mode
-60
-
+60
mV
dVOS
During mute ON/OFF output offset
voltage
ITU R-ARM weighted
see Figure 18
-10
-
+10
mV
During standby ON/OFF output
offset voltage
-10
-
+10
mV
Gv
Voltage gain
-
25
26
27
dB
dGv
Channel gain unbalance
-
±1
dB
Po
Output power
VS = 14.4 V; THD = 10%
VS = 14.4 V; THD = 1%
25
28
22
-
W
W
VS = 14.4 V; THD = 10%, 2 Ω
VS = 14.4 V; THD = 1%, 2 Ω
-
48
38
-
W
W
Po max.
Max. output power(1)
VS = 14.4 V; RL = 4 Ω
VS = 14.4 V; RL = 2 Ω
Vs = 15.2V; RL = 4 Ω (square
wave input (2 Vrms))
-
45
75
48
-W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com