Electronic Components Datasheet Search
  English  ▼

X  

TDA7851F Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7851F
Description  4 48 W MOSFET quad bridge power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7851F Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7851F Datasheet HTML 1Page - STMicroelectronics TDA7851F Datasheet HTML 2Page - STMicroelectronics TDA7851F Datasheet HTML 3Page - STMicroelectronics TDA7851F Datasheet HTML 4Page - STMicroelectronics TDA7851F Datasheet HTML 5Page - STMicroelectronics TDA7851F Datasheet HTML 6Page - STMicroelectronics TDA7851F Datasheet HTML 7Page - STMicroelectronics TDA7851F Datasheet HTML 8Page - STMicroelectronics TDA7851F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
February 2016
DocID17714 Rev 4
1/18
TDA7851F
4 x 48 W MOSFET quad bridge power amplifier
Datasheet
- production data
Features
 Multipower BCD technology
 High output power capability:
– 4 x 48 W/4 Ω max.
– 4 x 28 W/4 Ω @ 14.4 V, 1 kHz, 10%
– 4 x 72 W/2 Ω max.
 MOSFET output power stage
 Excellent 2 Ω driving capability
 Hi-Fi class distortion
 Low output noise
 Standby function
 Mute function
 Automute at min. supply voltage detection
 Low external component count:
– Internally fixed gain (26 dB)
– No external compensation
– No bootstrap capacitors
 Output DC offset detector
 Protections:
– Output short circuit to GND, to Vs, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Load dump voltage
– Fortuitous open GND
– Reversed battery
– ESD
Description
The TDA7851F is a breakthrough MOSFET
technology class AB audio power amplifier,
designed for high-power car radio.
The fully complementary P-Channel/N-Channel
output structure allows a rail-to-rail output voltage
swing. This, combined with high output current
and minimized saturation losses, sets new power
references in the car-radio field, with unparalleled
distortion performance.
Flexiwatt25
(Horizontal)
Flexiwatt25
(Vertical)
Table 1. Device summary
Order code
Package
Packing
TDA7851F
Flexiwatt25 (vertical)
Tube
TDA7851FH-QIX
Flexiwatt25 (horizontal)
Tube
www.st.com


Similar Part No. - TDA7851F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
More results

Similar Description - TDA7851F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
4 x 47W MOSFET quad bridge power amplifier
04-Oct-2007
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com