Electronic Components Datasheet Search
  English  ▼

X  

TM1100 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TM1100
Description  1100 Watts AC/DC Medical & ITE Grade Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM1100 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TM1100 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM1100 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TM1100 Series
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
INPUT SPECIFICATIONS
Input Voltage Range .............. 90-264 VAC, with active PFC
Input Frequency ..................... 47-63Hz
Input Current .......................... 16A rms @ 100 VAC, 60Hz
8A rms @ 240 VAC, 50Hz
Inrush Current ....................... 50A @ 115 VAC or 100A @ 230
............................................... VAC, at 25°C cold start
Earth Leakage Current .......... 220µA max. @ 264 VAC, 63Hz
OUTPUT SPECIFICATIONS
Output Power Ratings ........... See table
Output Voltage ....................... See table
Tolerance ............................... ±2%
Ripple and Noise* ................. 1% peak to peak max.
Remote Sense ...................... Compensation for cable losses up
to 0.5V
Over Voltage Protection ......... Set at 112-140% of its nominal
output voltage
Over Current Protection ........ Set at 120-140% of maximum
output current
Thermal Shutdown ................ Protected to over-temperature
conditions
Temperature Coefficient ....... ±0.04%/°C max.
Transient Response ............. Max. excursion of 4% or better on
all models, recovering to 1% of
final value within 500 µs after a
25% step load change
Standby Power ...................... 5V/200mA max.
Fan Power ............................. 12V/1A max.
* Peak to peak with 20MHz bandwidth and 10µF tantalum capacitor in parallel with a
0.1µF ceramic capacitor at rated line voltage and load ranges
FEATURES
• BF Rated
• 5,000 Meters Operating Altitude
• 5.91" x 9.25" x 2.40" Compact Size
• Low Leakage Current
• Efficiency up to 89%
GENERAL SPECIFICATIONS
Switching Frequency ............. 40 KHz-200 KHz
Power Factor ......................... 0.98 typical
Efficiency ............................... 87% typical @ 115 VAC,
89% typical @ 230 VAC
Operating Altitude .................. 5,000 meters max.
Hold-up Time ......................... 10ms @ 110 VAC
Line Regulation ..................... ±0.5% max. @ full load
Load Regulation ................... ±2% max. @ full load
Operating Temperature ........ -10°C to +70°C
Storage Temperature ............ -40°C to +85°C
Derating ................................. Derate from 100% @ +50°C
linearly to 50% @ +70°C,
applicable to convection and
forced-air cooling conditions
Relative Humidity .................. 5% to 95% non-condensing
Withstand Voltage ................. 4,000 VAC input-output (2MOPP)
............................................... 1,500 VAC input-ground (1MOPP)
............................................... 1,500 VAC output-ground (1MOPP)
MTBF ...................................... 300K hours minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
IEC 60601-1-2 ................... EMC Performance
EN55011 ........................... Class B conducted, Class B radiated
FCC, VCCI ......................... Class B conducted, Class B radiated
EN61000-3-2 ..................... Harmonic distortion, Class A & D
EN61000-3-3 ..................... Line flicker
EN61000-4-2 ..................... ESD, ±8 KV air and ±6 KV contact
EN61000-4-3 ..................... Radiated immunity, 3V/m
EN61000-4-4 ..................... Fast transient/burst, ±2 KV
EN61000-4-5 ..................... Surge, ±1 KV diff., ±2 KV com.
EN61000-4-6 ..................... Conducted immunity, 3 Vrms
EN61000-4-8 ..................... Magnetic field immunity, 3A/m
EN61000-4-11 ................... Voltage dip immunity,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ............... UL/IEC/EN 60601-1 (3rd Edition)
ANSI/AAMI ES 60601-1:2005
CSA C22.2 No. 60601-1:2008
UL/IEC/EN 60950-1 (2nd Edition)
Agency Approvals .............. UL, TUV, CB, CE
Other Compliance ............. RoHS
MODELS LIST
.
o
N
t
c
u
d
o
r
P
t
u
p
t
u
O
e
g
a
t
l
o
V
.
x
a
M
t
n
e
r
r
u
C
.
x
a
M
r
e
w
o
P
k
a
e
P
t
n
e
r
r
u
C
)
1
(
k
a
e
P
r
e
w
o
P
)
1
(
&
e
l
p
p
i
R
*
e
s
i
o
N
C
4
2
S
-
0
0
1
1
M
T
V
4
2A
4
8
.
5
4W
0
0
1
1A
0
1
.
2
5W
0
5
2
1V
m
0
4
2
C
8
2
S
-
0
0
1
1
M
T
V
8
2A
9
2
.
9
3W
0
0
1
1A
5
6
.
4
4W
0
5
2
1V
m
0
8
2
C
2
3
S
-
0
0
1
1
M
T
V
2
3A
8
3
.
4
3W
0
0
1
1A
7
0
.
9
3W
0
5
2
1V
m
0
2
3
C
4
3
S
-
0
0
1
1
M
T
V
4
3A
5
2
.
2
3W
0
0
1
1A
7
7
.
6
3W
0
5
2
1V
m
0
4
3
C
6
3
S
-
0
0
1
1
M
T
V
6
3A
6
5
.
0
3W
0
0
1
1A
3
7
.
4
3W
0
5
2
1V
m
0
6
3
C
2
4
S
-
0
0
1
1
M
T
V
2
4A
0
2
.
6
2W
0
0
1
1A
7
7
.
9
2W
0
5
2
1V
m
0
2
4
C
8
4
S
-
0
0
1
1
M
T
V
8
4A
2
9
.
2
2W
0
0
1
1A
0
1
.
6
2W
0
5
2
1V
m
0
8
4
NOTES:
1. Peak current and power possible at 170-260 VAC input, 10 seconds, 35% duty
cycle.


Similar Part No. - TM1100

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
TM11000 MIMIX-TM11000 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
More results

Similar Description - TM1100

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC60 TRUMPOWER-TMC60 Datasheet
94Kb / 2P
37.5~64 Watts Medical & ITE AC/DC Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
360W ITE Grade AC/DC Power Supplies
TW500 TRUMPOWER-TW500 Datasheet
414Kb / 4P
500W ITE Grade AC/DC Power Supplies
TWC150 TRUMPOWER-TWC150 Datasheet
83Kb / 2P
150W ITE Grade AC/DC Switching Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
150 Watts AC/DC Medical & ITE Grade Power Supplies
TMC300 TRUMPOWER-TMC300 Datasheet
367Kb / 3P
300 Watts AC/DC Medical and ITE Grade Power Supplies
TWM280 TRUMPOWER-TWM280 Datasheet
305Kb / 3P
280W Medical and ITE Grade AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com