Electronic Components Datasheet Search
  English  ▼

X  

TM1100 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TM1100
Description  1100 Watts AC/DC Medical & ITE Grade Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM1100 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TM1100 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM1100 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TM1100 Series
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TM1100_2016-03-02
MECHANICAL SPECIFICATIONS
R
O
T
C
E
N
N
O
C
N
I
P
N
O
I
T
C
N
U
F
)
C
A
(
1
P
1
E
V
I
L
C
A
2
L
A
R
T
U
E
N
3
D
N
U
O
R
G
C
A
2
P
1
V
+
2
3
P
1
N
R
U
T
E
R
V
+
2
4
P
1
N
R
U
T
E
R
N
O
M
M
O
C
2
E
S
N
E
S
V
+
3
E
S
N
E
S
V
-
4
D
F
P
5
T
I
B
I
H
N
I
6
Y
B
D
N
A
T
S
V
5
+
7
K
O
C
D
8
F
F
O
S
P
9
N
A
F
V
2
1
+
0
1
N
R
U
T
E
R
N
A
F
NOTES:
1. Dimensions: inches [mm]
2. Tolerance: 0.02 [0.5] maximum.
3. Input Connector P1: Dinkle terminal P/N DT-4C-B01W-03 with nickel plated M3.5 screws
or equivalent.
4. Output Connector P2, P3: M5*0.8 screw connections.
5. Connector P4: Molex header 22-05-7105 or equivalent, mating with Molex housing
50-37-5103 or equivalent.
6. Weight: 2.89 Kg (6.35 lbs.) approx. for enclosed form.
7. Maximum penetration depth of fixing screws is 4mm from the outer surface of the
chassis.
S
L
A
N
G
I
S
L
O
R
T
N
O
C
D
F
P
,
n
o
it
a
r
e
p
o
l
a
m
r
o
n
r
o
f
h
g
i
h
L
T
T
,r
e
w
o
p
t
u
p
n
i
f
o
s
s
o
l
n
o
p
u
w
o
l
,
s
m
0
0
5
2
-
0
0
1
e
m
it
y
a
l
e
d
n
o
-
n
r
u
t
m
u
m
i
n
i
m
s
m
1
e
m
it
y
a
l
e
d
ff
o
-
n
r
u
t
T
I
B
I
H
N
I
t
u
p
t
u
o
ff
o
n
r
u
t
o
t
w
o
l
L
T
T
K
O
C
D
%
5
9
>
e
g
a
tl
o
v
t
u
p
t
u
o
n
e
h
w
h
g
i
h
L
T
T
F
F
O
S
P
t
u
p
t
u
o
ff
o
n
r
u
t
o
t
h
g
i
h
L
T
T
CONNECTORS & SIGNALS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com