Electronic Components Datasheet Search
  English  ▼

X  

PTF080601 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTF080601
Description  LDMOS RF Power Field Effect Transistor 60 W, 860-960 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080601 Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTF080601 Datasheet HTML 1Page - Infineon Technologies AG PTF080601 Datasheet HTML 2Page - Infineon Technologies AG PTF080601 Datasheet HTML 3Page - Infineon Technologies AG PTF080601 Datasheet HTML 4Page - Infineon Technologies AG PTF080601 Datasheet HTML 5Page - Infineon Technologies AG PTF080601 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Developmental Data Sheet
5
2003-12-05
Developmental PTF080601
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/rfpower
Package Outline Specifications
Package 31248
Notes: Unless otherwise specified
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. Pins: D = drain, S = source, G = gate
4. Lead thickness: 0.10± 0.051/0.025 [.004±.002/.001]
5. Lids are toleranced with reference to leads.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com