Electronic Components Datasheet Search
  English  ▼

X  

PTF080601 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTF080601
Description  LDMOS RF Power Field Effect Transistor 60 W, 860-960 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080601 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTF080601 Datasheet HTML 1Page - Infineon Technologies AG PTF080601 Datasheet HTML 2Page - Infineon Technologies AG PTF080601 Datasheet HTML 3Page - Infineon Technologies AG PTF080601 Datasheet HTML 4Page - Infineon Technologies AG PTF080601 Datasheet HTML 5Page - Infineon Technologies AG PTF080601 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Developmental Data Sheet
1
2003-12-05
PTF080601A
Package 20248
PTF080601E
Package 30248
PTF080601F
Package 31248
-90
-80
-70
-60
-50
-40
-30
-20
32
34
36
38
40
42
44
46
Output Power (dBm)
5
10
15
20
25
30
35
40
45
50
VDD = 28 V, IDQ = 550 mA, f = 959.8 MHz
Typical EDGE Modulation Spectrum Performance
Mod Spectrum vs. Output Power
Efficiency
400KHz
600KHz
Developmental PTF080601
LDMOS RF Power Field Effect Transistor
60 W, 860–960 MHz
Features
•
Broadband internal matching
•
Typical EDGE performance
- Average output power = 30 W
- Gain = 18 dB
- Efficiency = 40%
•
Typical CW performance
- Output power at P–1dB = 90 W
- Gain = 17 dB
- Efficiency = 60%
•
Integrated ESD protection: Human Body
Model, Class 1 (minimum)
•
Excellent thermal stability
•
Low HCI drift
•
Capable of handling 10:1 VSWR @ 28 V,
60 W (CW) output power
RF Characteristics at TCASE = 25°C unless otherwise indicated
Two-Tone Measurements (tested in Infineon test fixture)
VDD = 28 V, IDQ = 550 mA, POUT = 60 W PEP, fC = 960 MHz, tone spacing = 1000 kHz
Characteristic
Symbol
Min
Typ
Max
Units
Gain
Gps
—
18
—
dB
Drain Efficiency
ηD
—
42
—
%
Intermodulation Distortion
IMD
—
–32
—
dBc
EDGE Measurements (not subject to production test—verified by design/characterization in Infineon test fixture)
VDD = 28 V, IDQ = 550 mA, POUT = 30 W, f = 959.8 MHz
Characteristic
Symbol
Min
Typ
Max
Units
Error Vector Magnitude
EVM (RMS)
—
2.0
—
%
Modulation Spectrum @ 400 KHz
ACPR
—
–61
—
dBc
Modulation Spectrum @ 600 KHz
ACPR
—
–74
—
dBc
Gain
Gps
—
18
—
dB
Drain Efficiency
ηD
—
40
—
%
Description
The PTF080601 is a 60–W, internally matched GOLDMOS FET intended
for EDGE and CDMA applications in the 860 to 960 MHz band. Full gold
metallization ensures excellent device lifetime and reliability.


Similar Part No. - PTF080601

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101 INFINEON-PTF080101 Datasheet
64Kb / 4P
LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
PTF080101S INFINEON-PTF080101S Datasheet
64Kb / 4P
LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
PTF080451 INFINEON-PTF080451 Datasheet
158Kb / 9P
LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz
2004-06-24
More results

Similar Description - PTF080601

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10138 ERICSSON-PTF10138 Datasheet
106Kb / 6P
60 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
PTF10139 ERICSSON-PTF10139 Datasheet
115Kb / 6P
60 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
logo
Infineon Technologies A...
PTF080451 INFINEON-PTF080451 Datasheet
158Kb / 9P
LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz
2004-06-24
PTF080901 INFINEON-PTF080901 Datasheet
205Kb / 10P
LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
2004-04-05
logo
Tyco Electronics
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-090CF MACOM-MAPLST0810-090CF Datasheet
138Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPLST0810-030CF-05-2004 MACOM-MAPLST0810-030CF-05-2004 Datasheet
137Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-090CF-05-2004 MACOM-MAPLST0810-090CF-05-2004 Datasheet
138Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
logo
Infineon Technologies A...
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com