Electronic Components Datasheet Search
  English  ▼

X  

ACE78L05S Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE78L05S
Description  5V 3-Terminal Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE78L05S Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE78L05S Datasheet HTML 1Page - ACE Technology Co., LTD. ACE78L05S Datasheet HTML 2Page - ACE Technology Co., LTD. ACE78L05S Datasheet HTML 3Page - ACE Technology Co., LTD. ACE78L05S Datasheet HTML 4Page - ACE Technology Co., LTD. ACE78L05S Datasheet HTML 5Page - ACE Technology Co., LTD. ACE78L05S Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE78L05S
5V 3-Terminal Positive Voltage Regulator
VER 1.2
2
Block Diagram
Electrical Characteristics
Tamb=25℃, IO=40mA, VIN=10V unless otherwise noted
Symbol
Test Condition
Min
Typ
Max
Unit
Output Voltage (Vo)
4.9
5.0
5.1
V
Vin=7.5~20V V
IO=1~70mA
4.85
5.15
Line Regulation (REGv)
Vin=7.5~20V
55
150
mV
Vin=8.0~20V
45
100
Load Regulation (REGL)
IO=1~100mA
11
60
mV
IO=1~40mA
5
30
Quiescent Current (IB)
3
6
mA
Quiescent
Current Change
△IBV
Vin=8.0~20V
1.0
mA
△IBL
IO=1~40mA
0.1
Output Noise Voltage (VNO)
f=10Hz~100kHz
40
μV
Ripple Rejection (R.R)
Vin=8.0~18V
f=120Hz
47
57
dB
Dropout Voltage (VDIFmin)
1.7
V
Short Circuit Current Limit (IOS)
Vin=35V
140
mA
Average Temperature Coefficient of
Output Voltage (△Vo/△T)
IO= 5mA
Tj= 0~125℃
-0.6
5
mA/℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com