Electronic Components Datasheet Search
  English  ▼

X  

ACE78L05S Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE78L05S
Description  5V 3-Terminal Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE78L05S Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE78L05S Datasheet HTML 1Page - ACE Technology Co., LTD. ACE78L05S Datasheet HTML 2Page - ACE Technology Co., LTD. ACE78L05S Datasheet HTML 3Page - ACE Technology Co., LTD. ACE78L05S Datasheet HTML 4Page - ACE Technology Co., LTD. ACE78L05S Datasheet HTML 5Page - ACE Technology Co., LTD. ACE78L05S Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE78L05S
5V 3-Terminal Positive Voltage Regulator
VER1.2
1
Description
ACE78L05S circuit is a three-terminal positive voltage regulator, with a 5V fixed output voltage. It can be
used as a regulator in many of electrical equipment.
Features
Few external components and high flexibility
Internal thermal and overload protection
Output current up to 100mA
Absolute Maximum Ratings
Unless otherwise specified, Tamb=25℃
Parameter
Max
Unit
Input Voltage (VIN)
35
V
Output current (IO)
200
mA
Operating Temperature
-30 ~ 80
OC
Storage Temperature
- 55 ~ 150
OC
Power Dissipation (PD)
650
mW
Packaging Type
SOT-89-3
Ordering information
ACE78L05 S XX + H
AM : SOT-89-3
Pb-free
Vout
GND
Vin
Halogen-free


Similar Part No. - ACE78L05S

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE78L05 ACE-ACE78L05 Datasheet
234Kb / 9P
Positive Voltage Regulator
VER1.2
ACE78L05AM+H ACE-ACE78L05AM+H Datasheet
234Kb / 9P
Positive Voltage Regulator
VER1.2
More results

Similar Description - ACE78L05S

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
NTE932 NTE-NTE932 Datasheet
25Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 5A
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
logo
Fairchild Semiconductor
MC78L05AB FAIRCHILD-MC78L05AB Datasheet
38Kb / 6P
3-Terminal 0.1A 5V Positive Voltage Regulator
logo
Diodes Incorporated
AP78L05 DIODES-AP78L05 Datasheet
314Kb / 9P
5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78L05AI FAIRCHILD-KA78L05AI Datasheet
59Kb / 6P
3-Terminal 0.1A 5V Positive Voltage Regulator
MC78L05AB FAIRCHILD-MC78L05AB_12 Datasheet
51Kb / 6P
3-Terminal 0.1A 5V Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com