Electronic Components Datasheet Search
  English  ▼

X  

ACE535C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE535C
Description  300mA High PSRR, Fast Response Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE535C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE535C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE535C
300mA High PSRR, Fast Response Linear Regulator
VER 1.1
4
Electrical Characteristics
ACE535C, For Arbitrary Output Voltage.(Test Conditions: Cin=1uF,Cout=1uF,TA=25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vin
Input Voltage
1.5
6
V
Vout
Output
Voltage
Vout>1.5V
Vin=Set Vout+1V
1mA≤Iout≤30mA
Vout
x0.98
Vout
Vout
x 1.02
V
Vout<=1.5V
Vout
-0.03
Vout
+0.03
Iout (Max.)
Maximun Output Current
Vin-Vout=1V
300
mA
Vdrop**
Dropout Voltage,Vout=1.1V
Iout=200mA
470
600
mV
Iout=300mA
600
800
mV
△Vout
△VinxVout LineRegulation
Iout=10mA
1
.8V≤Vin≤6V
0.05
0.2
%/V
△Vout△Iout LoadRegulation Vin=SetVout+1V
1mA≤Iout≤300mA
50
80
mV
Iss
Supply Current
Vin=Set Vout+1V
50
120
uA
Istandby
Supply Current (Srandby)
Vin=Set Vout+1V
Vce=GND
0.1
1.0
uA
△Vout
△TxVout OutputVoltageTemperature
Coefficient
Iout=30mA
±100
ppm/
°C
PSRR
Ripple Rejection
F=1KHz, Ripple=0.5Vp-p
Vin=Set Vout+1V
70
dB
Ilim
Current Limit
500
mA
Rdischarge
Discharge Resistor
CE=0, Vout=3.0V
150
ohm
Vceh
CE Input Voltage “H”
0.95
Vin
V
Vcel
CE Input Voltage “L”
0
0.25
V
en
Output Noise
BW=10Hz~100kHz
47
uVrms
Note:
Iout=100mA @Vout=1.0V - 1.2V
Vdrop=Vin1-(Vout2*0.98) Vout2 is the output voltage when Vin=Vout1+1.0V and Iout=300mA. Vin1 is the input voltage at which
the output voltage becomes 98% of Vout1 after gradually decreasing the input voltage.
EXPLANATION
ACE535C series is a group of positive voltage output, low noise, low power consumption, low dropout
voltage regulator.
ACE535C can provide output value in the range of 1.0V~4.5V every 0.1V step. It also can be customized
on command.
ACE535C includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE535C has excellent load and line transient response and good temperature characteristics, which
can assure the stability of chip and power system. And it uses trimming technique to guarantee output
voltage accuracy within±2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com