Electronic Components Datasheet Search
  English  ▼

X  

ACE535C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE535C
Description  300mA High PSRR, Fast Response Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE535C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE535C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE535C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE535C
300mA High PSRR, Fast Response Linear Regulator
VER 1.1
1
Description
ACE535C series is a group of positive voltage output, low power consumption, low dropout
voltage regulator.
ACE535C can provide output value in the range of 1.0V~4.5V every 0.1V step. It also can be
customized on command.
ACE535C includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module with discharge capability.
ACE535C has excellent load and line transient response and good temperature characteristics, which
can assure the stability of chip and power system. And it uses trimming technique to guarantee output
voltage accuracy within ±2%.
ACE535C is available in SOT23-5 and DFN1x1-4 packages which are lead free.
Features
Low Power Consumption: 50uA (Typ.)
Low output noise (47uVRMS)
Standby Mode: 0.1uA
Low dropout Voltage: 470mV@200mA (Typ.)
High Ripple Rejection: 70dB@1KHz (Typ.)
Low Temperature Coefficient: ±100ppm/OC
Excellent Line regulation: 0.05%/V
Build-in chip enable and discharge circuit
Output Voltage Range: 1.0V~4.5V (customized on command every 0.1V step)
Highly Accurate: ±2%
Output Current Limit
Application
Power source for cellular phones and various kind of PCSs
Battery Powered equipment
Power Management of MP3, PDA, DSC, Mouse, PS2 Games
Reference Voltage Source
Regulation after Switching Power


Similar Part No. - ACE535C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
500mA, Micropower, VLDO Linear Regulator
VER 1.2
ACE5372 ACE-ACE5372 Datasheet
305Kb / 29P
Low Power Real-Time Clock (RTC)
VER 1.2
ACE5372 ACE-ACE5372 Datasheet
939Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.3
ACE5372FM+H ACE-ACE5372FM+H Datasheet
305Kb / 29P
Low Power Real-Time Clock (RTC)
VER 1.2
ACE5372FM+H ACE-ACE5372FM+H Datasheet
939Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.3
More results

Similar Description - ACE535C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
300mA High PSRR, Linear Regulator
BL8591 BELLING-BL8591 Datasheet
268Kb / 10P
100mA High PSRR, Fast Response Linear Regulator
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
300mA High PSRR, Linear Regulator
VER 1.3
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
300mA High PSRR, Linear Regulator
VER 1.4
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
300mA High PSRR, Linear Regulator
VER 1.1
ACE515C ACE-ACE515C_14 Datasheet
676Kb / 10P
300mA High PSRR, Fast Response Linear Regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063_14 Datasheet
758Kb / 8P
300mA High PSRR, Linear Regulator
BL8067 BELLING-BL8067 Datasheet
788Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com