Electronic Components Datasheet Search
  English  ▼

X  

ACE1551A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE1551A
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1551A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE1551A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1551A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1551A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1551A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1551A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1551A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1551A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE1551A
N-Channel Enhancement Mode MOSFET
VER 1.3
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=250 uA
20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=250uA
0.35
1.0
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
30
uA
Zero Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
1
uA
VDS=20V, VGS=0V, TJ=55℃
5
On-State Drain Current
ID(on)
VDS
≥ 4.5V,V
GS =5V
0.7
A
Drain-Source On-Resistance
RDS(ON)
VGS=4.5V, ID=0.95A
0.26
0.38
Ω
VGS=2.5V, ID=0.75A
0.32
0.45
VGS=1.8V, ID=0.65A
0.42
0.8
VGS=1.5V, ID=0.65A
0.5
1.0
Forward Transconductance
gfs
VDS=10V,ID=0.4A
1.0
S
Diode Forward Voltage
VSD
ISD=0.15A, VGS=0V
0.8
1.2
V
Dynamic
Total Gate Charge
Qg
VDS=10V, VGS=4.5V, ID=0.6A
1.2
1.5
nC
Gate-Source Charge
Qgs
0.2
Gate-Drain Charge
Qgd
0.3
Turn-On Time
td(on)
VGEN=4.5V, ID=0.5A, VDD=10V,
RG=6
Ω, R
L=10
Ω
5
10
nS
tr
8
15
Turn-Off Time
td(off)
10
18
tf
1.2
2.8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com