Electronic Components Datasheet Search
  English  ▼

X  

ACE1551A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1551A
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1551A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1551A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1551A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1551A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1551A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1551A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1551A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1551A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE1551A
N-Channel Enhancement Mode MOSFET
VER 1.3
1
Description
The ACE1551A is the N-Channel enhancement mode power field effect transistors are produced using
high cell density , DMOS trench technology. This high density process is especially tailored to minimize
on-state resistance and provide superior switching performance. These devices are particularly suited for
low voltage applications such as notebook computer power management and other battery powered
circuits where high-side switching , low in-line power loss, and resistance to transients are needed.
Features
• N-Channel
20V/0.95A,RDS(ON)
=380mΩ@V
GS=4.5V
20V/0.75A,RDS(ON)
=450mΩ@V
GS=2.5V
20V/0.65A,RDS(ON)
=800mΩ@V
GS=1.8V
20V/0.65A,RDS(ON)
=1000mΩ@V
GS=1.5V
• Super high density cell design for extremely low R
DS(ON)
• Exceptional on-resistance and maximum DC current capability
Applications
• Power Management in Note book
• Portable Equipment
• Battery Powered System
• DC/DC Converter
• Load Switch
• DSC
• LCD Display inverter


Similar Part No. - ACE1551A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1551B ACE-ACE1551B Datasheet
669Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE1551A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com