Electronic Components Datasheet Search
  English  ▼

X  

VS6663CB Datasheet(PDF) 9 Page - STMicroelectronics

Part # VS6663CB
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VS6663CB Datasheet HTML 5Page - STMicroelectronics VS6663CB Datasheet HTML 6Page - STMicroelectronics VS6663CB Datasheet HTML 7Page - STMicroelectronics VS6663CB Datasheet HTML 8Page - STMicroelectronics VS6663CB Datasheet HTML 9Page - STMicroelectronics VS6663CB Datasheet HTML 10Page - STMicroelectronics VS6663CB Datasheet HTML 11Page - STMicroelectronics VS6663CB Datasheet HTML 12Page - STMicroelectronics VS6663CB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Doc ID026749 Rev 2
9/64
VS6663CB
Overview
47
The module's main function is to convert the viewed scene into a data stream. The
companion processor’s function is to manage the sensor included in the module in order to
produce the best possible pictures given the module's optics and the scene itself. The
companion processor processes the data stream into a form which is easily handled by up
stream mobile baseband or multimedia processor (MMP) chipsets.
The sensor supplies high-speed clock signal to the coprocessor and provides the
embedded control sequences which allow the coprocessor to synchronize with the frame
and line level timings. The coprocessor then performs the color processing on the raw
image data from the sensor before supplying the final image data to the host.
In a coprocessor architecture, a low speed clock (external clock) is sent by the host to both
the VS6663CB and the coprocessor. This is used by the sensor in all phases of operation
and by the coprocessor during the initial stages of system boot up.
During streaming phase, the VS6663CB supplies the high-speed data qualification clock for
the coprocessor. The high-speed clock is generated using the VS6663CB embedded PLL
and is provided as the continuous data qualification clock.
1.2
VS6663CB use in a system with software image processing
The VS6663CB image sensor can also be directly connected to a baseband or multimedia
processor. No dedicated coprocessor is used in this configuration. The image processing is
done in software within the baseband processor.
Figure 3. VS6663CB in a system with software image processing
Pixel
array
Col ADC
Power
Video timing
Dig filters
Dark cal
CCI
Test ctrl
Sys ctrl
Clk mngt
PLL
VS6663CB
Mobile
baseband
processor
XSHUTDOWN
EXTCLK
CCP2 / CSI-2
Output data I/F
4 Ch AV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com