Electronic Components Datasheet Search
  English  ▼

X  

VS6663CB Datasheet(PDF) 26 Page - STMicroelectronics

Part # VS6663CB
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CB Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VS6663CB Datasheet HTML 22Page - STMicroelectronics VS6663CB Datasheet HTML 23Page - STMicroelectronics VS6663CB Datasheet HTML 24Page - STMicroelectronics VS6663CB Datasheet HTML 25Page - STMicroelectronics VS6663CB Datasheet HTML 26Page - STMicroelectronics VS6663CB Datasheet HTML 27Page - STMicroelectronics VS6663CB Datasheet HTML 28Page - STMicroelectronics VS6663CB Datasheet HTML 29Page - STMicroelectronics VS6663CB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
Camera control interface (CCI)
VS6663CB
26/64
Doc ID026749 Rev 2
4.2.5
Setup registers [0x0100 to 0x01FF]
Table 14. Setup registers [0x0100 to 0x01FF]
Index
Byte
Register name
Data type Default
Type
Comment
0x0100
mode_select
8UI
00
RW
Mode select
0x00 - Software standby
0x01 - Streaming
Refer to Section 3.2: Device
operating modes on page 14
0x0101
image_orientation
8B
00
RW
Image orientation, that is, horizontal
mirror and vertical flip.
Bit 0: 0 - no mirror, 1 - horizontal
mirror enable
Bit 1: 0 - no flip, 1 - vertical flip
enable
0x0103
software_reset
8UI
00
RW
Software reset. Setting this register
to 1 resets the sensor to its power
up defaults. The value of this bit is
also reset
0x00 - normal
0x01 - soft reset
Refer to Section 3.2: Device
operating modes on page 14
0x0104
grouped_parameter_hold
8UI
00
RW
The grouped parameter hold
register disables the consumption of
integration, gain and video timing
parameters
0x00 - consume parameters as
normal
0x01 - hold parameters
Refer to Section 6.3.3: Integration
and gain parameter retiming on
page 46
0x0105
mask_corrupted_frames
8UI
00
RW
Setting this register to 1 prevents the
sensor outputing frames that have
been corrupted by video timing
parameter changes.
0x00 - normal
0x01 - mask corrupted frames
0x0110
csi_channel_identifier
8UI
00
RW
The DMA (CCP2) or Virtual (CSI2)
channel identifier
Valid range: 0-7 for CCP2
Valid range: 0-3 for CSI-2
0x0111
csi_signalling_mode
8UI
02
RW
0x00 - CCP2 Data/clock signalling:
0x01 - CCP2 Data/strobe signalling:
0x02 - CSI-2:
This register should not be changed
while the device is streaming data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com