Electronic Components Datasheet Search
  English  ▼

X  

TYN210 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # TYN210
Description  SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TYN210 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  TYN210 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TYN210 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TYN210 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TYN210 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
TYN210 ---> TYN1010
SCR
s
High surge capability
s
High on-state current
s
High stability and reliability
FEATURES
The TYN210 ---> TYN1010 Family of Silicon
Controlled Rectifiers uses a high performance
glass passivated technology.
This general purpose Family of Silicon Controlled
Rectifiers is designed for power supplies up to
400Hz on resistive or inductive load.
DESCRIPTION
K
A
G
TO-220AB
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tc = 100°C
10
A
IT(AV)
Average on-state current
(180° conduction angle, single phase circuit)
Tc = 100°C
6.4
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25°C)
tp = 8.3ms
105
A
tp = 10ms
100
I
2tI2t value
tp = 10ms
50
A
2s
dI/dt
Critical rate of rise of on-state current
Gate supply: IG = 100mA
dIG/dt = 1A/µs
50
A/µs
Tstg
Tj
Storage and operating junction temperature range
-40 to +150
-40 to +125
°C
Tl
Maximum lead soldering temperature during 10s at 4.5mm from case
260
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
TYN
Unit
210
410
610
810
1010
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125°C
200
400
600
800
1000
V
K
A
G
www.kersemi.com
Information offers:http://www.kkg.com.cn


Similar Part No. - TYN210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN210 STMICROELECTRONICS-TYN210 Datasheet
229Kb / 4P
SCR
Sep-2001
TYN210 STMICROELECTRONICS-TYN210 Datasheet
58Kb / 4P
SCR
Mar-1995
More results

Similar Description - TYN210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
SCR
Mar-1995
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
SCR
Mar-1995
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
SCR / SCR and SCR / DIODE
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
SCR
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
SCR/SCR and SCR/Diode
17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
SCR/SCR and SCR/Diode
17-Jul-14
logo
WeEn Semiconductors
BT145-800RT WEEN-BT145-800RT Datasheet
361Kb / 11P
SCR
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
SCR
BT151-800C WEEN-BT151-800C Datasheet
216Kb / 12P
SCR
BT151S-500L WEEN-BT151S-500L Datasheet
273Kb / 12P
SCR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com