Electronic Components Datasheet Search
  English  ▼

X  

TYN210 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # TYN210
Description  SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TYN210 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  TYN210 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TYN210 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TYN210 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TYN210 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TYN210 ---> TYN1010
2/4
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
60
°C/W
Rth (j-c) DC
Junction to case for DC
2.5
°C/W
GATE CHARACTERISTICS (maximum values)
PG(AV) =1W
PGM = 10W (tp = 20µs)
IFGM = 4A (tp = 20µs)
VRGM =5V
THERMAL RESISTANCE
Symbol
Test conditions
Value
Unit
IGT
VD = 12V (DC)
RL =33
Ω
Tj = 25°C
MAX.
15
mA
VGT
VD = 12V (DC)
RL =33
Ω
Tj = 25°C
MAX.
1.5
V
VGD
VD =VDRM
RL = 3.3k
Ω
Tj =110°C
MIN.
0.2
V
tgt
VD =VDRM
IG = 40mA
dIG/dt = 0.5A/µs
Tj = 25°C
TYP.
2
µs
IL
IG = 1.2IGT
Tj = 25°C
TYP.
50
mA
IH
IT = 100mA Gate open
Tj = 25°C
MAX.
30
mA
VTM
ITM = 20A
tp = 380µs
Tj = 25°C
MAX.
1.6
V
IDRM
IRRM
VDRM rated
VRRM rated
Tj = 25°C
MAX.
0.01
mA
Tj = 110°C
MAX.
2
dV/dt
Linear slope up to
VD = 67% VDRM gate open
Tj = 110°C
MIN.
200
V/
µs
tq
VD=67%VDRM
ITM= 20A
VR= 25V
dITM/dt=30 A/
µsdVD/dt= 50V/µs
Tj = 110°C
TYP.
70
µs
ELECTRICAL CHARACTERISTICS
012
3456789
0
2
4
6
8
10
12
P(W)
360
O
=180
o
=120
o
=90
o
=60
o
=30
o
DC
I(A)
T(AV)
Fig. 1: Maximum average power dissipation ver-
sus average on-state current.
0
20
406080
100
120
140
0
2
4
6
8
10
12
-115
-105
-120
-110
-100
-125
P (W)
Tcase ( C)
o
= 180
o
Tamb ( C)
o
Rth = 0 C/W
2C/W
4C/W
6C/W
o
o
o
o
Fig. 2: Correlation between maximum average
power dissipation and maximum allowable temper-
atures (Tamb and Tcase) for different thermal
resistances heatsink + contact.
www.kersemi.com
Information offers:http://www.kkg.com.cn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com