Electronic Components Datasheet Search
  English  ▼

X  

SFH757 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SFH757
Description  Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SFH757 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SFH757 Datasheet HTML 1Page - Infineon Technologies AG SFH757 Datasheet HTML 2Page - Infineon Technologies AG SFH757 Datasheet HTML 3Page - Infineon Technologies AG SFH757 Datasheet HTML 4Page - Infineon Technologies AG SFH757 Datasheet HTML 5Page - Infineon Technologies AG SFH757 Datasheet HTML 6Page - Infineon Technologies AG SFH757 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SFH757
SFH757V
Technical Data
Data Sheet
2
2004-03-19
Technical Data
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
min.
max.
Operating Temperature Range
T
OP
–40
+80
°C
Storage Temperature Range
T
STG
–40
+100
°C
Junction Temperature
T
J
100
°C
Soldering Temperature
(2 mm from case bottom,
t
≤ 5s)
T
S
260
°C
Reverse Voltage
V
R
3V
Forward Current
I
F
50
mA
Surge Current (
t
≤ 10 µs, D =0)
I
FSM
1A
Power Dissipation
P
tot
120
mW
Thermal Resistance, Junction/Air
R
thJA
450
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com