Electronic Components Datasheet Search
  English  ▼

X  

SFH757 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SFH757
Description  Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SFH757 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SFH757 Datasheet HTML 1Page - Infineon Technologies AG SFH757 Datasheet HTML 2Page - Infineon Technologies AG SFH757 Datasheet HTML 3Page - Infineon Technologies AG SFH757 Datasheet HTML 4Page - Infineon Technologies AG SFH757 Datasheet HTML 5Page - Infineon Technologies AG SFH757 Datasheet HTML 6Page - Infineon Technologies AG SFH757 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH757
SFH757V
Technical Data
Data Sheet
3
2004-03-19
Characteristics (
T
A = 25°C)
Parameter
Symbol
Value
Unit
Peak Wavelength
λ
Peak
650
nm
Spectral Bandwidth
∆λ
25
nm
Switching Times (
R
L = 50 Ω, IF = 50 mA)
10%
…90%
90%
… 10%
t
R
t
F
15 (< 17)
18 (< 20)
ns
Capacitance (
f = 1 MHz, V
R = 0 V)
C
O
30
pF
Forward Voltage (
I
F = 50 mA)
V
F
2.1 (
≤ 2.8) V
Output Power Coupled into Plastic Fiber
(
I
F = 10 mA)
1)
Φ
IN
150
(
≥ 100)
µW
Temperature Coefficient
Φ
IN
TCΦ
–0.4
%/K
Temperature Coefficient
V
F
TC
V
–3
mV/K
Temperature Coefficient
λ
Peak
TCλ
0.16
nm/K
1)
The output power coupled into plastic fiber is measured with a large area detector at the end of a short length
of fiber (about 30 cm). This value must not be used for calculating the power budget for a fiber optic system
with a long fiber because the numerical aperture of plastic fibers decreases on the first meters. Therefore the
fiber seems to have a higher attenuation over the first few meters compared with the specified value.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com