Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5335IPZ Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5335IPZ
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5335IPZ Datasheet(HTML) 30 Page - Texas Instruments

Back Button MSP430F5335IPZ Datasheet HTML 26Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 27Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 28Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 29Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 30Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 31Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 32Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 33Page - Texas Instruments MSP430F5335IPZ Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
MSP430F5338, MSP430F5336, MSP430F5335, MSP430F5333
SLAS721D – AUGUST 2010 – REVISED DECEMBER 2015
www.ti.com
5.27 Timer_A, Timers TA0, TA1, and TA2
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
Internal: SMCLK, ACLK
fTA
Timer_A input clock frequency
External: TACLK
1.8 V, 3 V
20
MHz
Duty cycle = 50% ±10%
All capture inputs,
tTA,cap
Timer_A capture timing
Minimum pulse duration required for
1.8 V, 3 V
20
ns
capture
5.28 Timer_B, Timer TB0
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
Internal: SMCLK, ACLK
fTB
Timer_B input clock frequency
External: TBCLK
1.8 V, 3 V
20
MHz
Duty cycle = 50% ±10%
All capture inputs,
tTB,cap
Timer_B capture timing
Minimum pulse duration required for
1.8 V, 3 V
20
ns
capture
5.29 Battery Backup
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
TA = –40°C
0.43
VBAT = 1.7 V,
TA = 25°C
0.52
DVCC not connected,
TA = 60°C
0.58
RTC running
TA = 85°C
0.64
TA = –40°C
0.50
VBAT = 2.2 V,
TA = 25°C
0.59
Current into VBAT terminal if no
IVBAT
DVCC not connected,
µA
primary battery is connected
TA = 60°C
0.64
RTC running
TA = 85°C
0.71
TA = –40°C
0.68
VBAT = 3 V,
TA = 25°C
0.75
DVCC not connected,
TA = 60°C
0.79
RTC running
TA = 85°C
0.86
General
VSVSH_IT-
SVSHRL = 0
1.59
1.69
VSWITCH
Switch-over level (VCC to VBAT)
CVCC = 4.7 µF
SVSHRL = 1
1.79
1.91
V
SVSHRL = 2
1.98
2.11
SVSHRL = 3
2.10
2.23
ON-resistance of switch
RON_VBAT
VBAT = 1.8 V
0 V
0.35
1
k
Ω
between VBAT and VBAK
1.8 V
0.6
±5%
VBAT to ADC input channel 12:
VBAT3
3 V
1.0
±5%
V
VBAT divided, VBAT3 = VBAT/3
3.6 V
1.2
±5%
tSample,
VBAT to ADC: Sampling time
ADC12ON = 1,
1000
ns
VBAT3
required if VBAT3 selected
Error of conversion result
≤ 1 LSB
VCHVx
Charger end voltage
CHVx = 2
2.65
2.7
2.9
V
CHCx = 1
5
RCHARGE
Charge limiting resistor
CHCx = 2
10
k
Ω
CHCx = 3
20
30
Specifications
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5338 MSP430F5336 MSP430F5335 MSP430F5333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com